Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM90N07-04B Datasheet(PDF) 4 Page - Analog Power

No. de pieza AM90N07-04B
Descripción Electrónicos  N-Channel 75-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM90N07-04B Datasheet(HTML) 4 Page - Analog Power

  AM90N07-04B Datasheet HTML 1Page - Analog Power AM90N07-04B Datasheet HTML 2Page - Analog Power AM90N07-04B Datasheet HTML 3Page - Analog Power AM90N07-04B Datasheet HTML 4Page - Analog Power AM90N07-04B Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Analog Power
AM90N07-04B
7. Gate Charge
9. Safe Operating Area
10. Single Pulse Maximum Power Dissipation
8. Normalized On-Resistance Vs
Junction Temperature
11. Normalized Thermal Transient Junction to Ambient
Typical Electrical Characteristics
0
2
4
6
8
10
0
50
100
150
Qg - Total Gate Charge (nC)
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
VDS Drain to Source Voltage (V)
10 uS
100 uS
1 mS
10 mS
100 mS
1 SEC
10 SEC
100 SEC
DC
Idm limit
Limited by
RDS
1
0
20
40
60
80
100
120
140
160
180
0.001
0.01
0.1
1
10
100
1000
t1 TIME (SEC)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 TIME (sec)
D = 0.5
0.2
0.1
0.05
0.02
Single Pulse
RθJA(t) = r(t) + RθJA
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
150
TJ -JunctionTemperature(°C)
P(pk)
t1
t2
RθJA = 62.5 °C /W
VDS = 37.5V
ID = 20A
© Preliminary
4
Publication Order Number:
DS_AM90N07-04B_1A


Número de pieza similar - AM90N07-04B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM90N07-09B ANALOGPOWER-AM90N07-09B Datasheet
336Kb / 5P
   N-Channel 75-V (D-S) MOSFET
More results

Descripción similar - AM90N07-04B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SUP90N08-6M8P VISHAY-SUP90N08-6M8P_09 Datasheet
176Kb / 7P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 16-Nov-09
SUM90N08-6M2P VISHAY-SUM90N08-6M2P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-6M8P VISHAY-SUP90N08-6M8P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-4M8P VISHAY-SUP90N08-4M8P Datasheet
104Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
SI7812DN VISHAY-SI7812DN_17 Datasheet
551Kb / 14P
   N-Channel 75-V (D-S) MOSFET
Rev. D, 29-Dec-08
logo
Analog Power
AM230N07-03B ANALOGPOWER-AM230N07-03B Datasheet
334Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-09B ANALOGPOWER-AM90N07-09B Datasheet
336Kb / 5P
   N-Channel 75-V (D-S) MOSFET
logo
Vishay Siliconix
SIE818DF VISHAY-SIE818DF Datasheet
192Kb / 10P
   N-Channel 75-V (D-S) MOSFET
Rev. B, 13-Jul-09
SUM110N08-07 VISHAY-SUM110N08-07 Datasheet
51Kb / 5P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 21-Oct-02
SI7174DP VISHAY-SI7174DP Datasheet
513Kb / 13P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 14-Apr-08
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com