Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM20U-1203SC Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AM20U-1203SC
Descripción Electrónicos  20 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM20U-1203SC Datasheet(HTML) 1 Page - AIMTEC

  AM20U-1203SC Datasheet HTML 1Page - AIMTEC AM20U-1203SC Datasheet HTML 2Page - AIMTEC AM20U-1203SC Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
84
TO ORDER CALL 1-888-9-AIMTEC
AM20U-C Series
20 watt dc-dc converters
POWER MODULES FOR PCB MOUNTING
V-OUT TRIM AND ON/OFF CONTROL
REGULATED OUTPUT
LOW RIPPLE & NOISE
GENERAL DESCRIPTION
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
OurAM20U-C series is a family of cost effective 20W single, dual
& tripleoutputDC-DCconverters.Theseconvertersareshieldedon
all six sides and encapsulated with a nickel-coated copper with a
non-conductive base and dimensions of 50.8x50.8x10.8mm. The
high performance features of our AM20U-C components include
short circuit protection with hiccup auto recovery, tight line regula-
tion and a high efficiency operation coefficient up to 82%.
Thirty models operate from an input voltage range of 12,
24 & 48VDC producing single, dual or triple output volt-
ages. The normal operation is specified over the full
operating temperature range of -25°C to +71°C with no
derating required. Cooling is done by free air convection.
MTBF: > 550,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25ºC)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage
1500VDC
Resistance
>1000 Mohms
Capacitance
1000pF
Output Specifications:
Voltage accuracy
±2%, max.
Ripple
<0.2% Vout +20mVmax (Vp-p)
Noise
<0.5% Vout +50mVmax (Vp-p)
Short circuit protection
Hiccup, auto-recovery
Over current protection
Works over 120% of rating
and recovers automatically
Over voltage protection
Zener diode clamp protection
Line regulation (HL-LL) ±0.5%, typ.
±1%/±5%-for triple output
Load regulation(10-100%) ±0.5%, typ.
±3% -dual; ±3%/±5%-triple
Temperature coefficient
±0.02%/°C, typ.
Input Specifications:
Voltage range
12VDC, 9~18VDC
24VDC, 18~36VDC
48 VDC, 36~75VDC
Filter
p
(Pi) Network
Environmental Specifications:
Operating temperature
-25°C …+71°C
Storage temperature
-55°C …+105°C
Case temperature
+95°C, max.
Humidity (non-condensing)
Up to 95%
Cooling
Free-air convection
Physical Specifications:
Dimensions
50.8x50.8x10.8mm
2.0x2.0x0.42inches
Weight
70g
Case material
Nickel-Coated Copper with
Non-Conductive base,
six sides’ shielded
General Specifications:
Efficiency
77% to 82%
Switching frequency
200KHz, typ. 100% load
Continued on next page


Número de pieza similar - AM20U-1203SC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allied Components Inter...
AM20 ALLIED-AM20 Datasheet
546Kb / 2P
   Axial Molded Inductors
AM20-100K-RC ALLIED-AM20-100K-RC Datasheet
356Kb / 1P
   Axial Molded Inductors
AM20-100K-RC ALLIED-AM20-100K-RC Datasheet
548Kb / 2P
   Axial Molded Inductors
AM20-100K-RC ALLIED-AM20-100K-RC Datasheet
546Kb / 2P
   Axial Molded Inductors
AM20-101K-RC ALLIED-AM20-101K-RC Datasheet
356Kb / 1P
   Axial Molded Inductors
More results

Descripción similar - AM20U-1203SC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM20E-C AIMTEC-AM20E-C Datasheet
284Kb / 2P
   20 watt dc-dc converters
logo
TRACO Electronic AG
TEN20 TRACOPOWER-TEN20 Datasheet
266Kb / 3P
   DC/DC Converters TEN 20 Series, 20 Watt
Rev. March 17, 2022
logo
RSG Electronic Componen...
EC1SC01 RSG-EC1SC01 Datasheet
1Mb / 1P
   20 WATT WIDE INPUT DC-DC CONVERTERS
logo
TRACO Electronic AG
TEN20WI TRACOPOWER-TEN20WI Datasheet
645Kb / 6P
   DC/DC Converters TEN 20WI Series, 20 Watt
Rev. May 7, 2021
logo
CINCON ELECTRONICS Corp...
EC7BW-24S33 CINCON-EC7BW-24S33 Datasheet
191Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-110 CINCON-EC7BW-110 Datasheet
212Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
EC4SBW CINCON-EC4SBW Datasheet
287Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
logo
List of Unclassifed Man...
UM1500 ETC1-UM1500 Datasheet
294Kb / 2P
   UM1500 SERIES, 15 to 20 Watt DC-DC Converters
SU20 ETC2-SU20 Datasheet
288Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
CINCON ELECTRONICS Corp...
EC7B CINCON-EC7B Datasheet
216Kb / 2P
   20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com