Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES1030QI Datasheet(PDF) 2 Page - Altera Corporation

No. de pieza ES1030QI
Descripción Electrónicos  Power Rail Sequencer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALTERA [Altera Corporation]
Página de inicio  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1030QI Datasheet(HTML) 2 Page - Altera Corporation

  ES1030QI Datasheet HTML 1Page - Altera Corporation ES1030QI Datasheet HTML 2Page - Altera Corporation ES1030QI Datasheet HTML 3Page - Altera Corporation ES1030QI Datasheet HTML 4Page - Altera Corporation ES1030QI Datasheet HTML 5Page - Altera Corporation ES1030QI Datasheet HTML 6Page - Altera Corporation ES1030QI Datasheet HTML 7Page - Altera Corporation ES1030QI Datasheet HTML 8Page - Altera Corporation ES1030QI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ES1030QI Datasheet
Ordering Information
PART NUMBER
PACKAGE MARKINGS
TAMBIENT RATING (°C)
PACKAGE DESCRIPTION
ES1030QI
S1030
-40 to +85
20-pin ( 2mm x 3mm x 0.55 mm)
QFN T&R (3000)
EVB-ES1030QI
QFN evaluation board
Packing and Marking Information: www.altera.com/support/reliability/packing/rel-packing-and-marking.html
Pin Description
PIN
NAME
TYPE
FUNCTION
1
VDD
PWR
Supply voltage
2
nFAULT_IN
Digital input
Digital input without Schmitt Trigger Input
3
nFAULT_O
Digital output
Open-drain NMOS
4
OE4
Digital output
Push pull
5
OE3
Digital output
Push pull
6
PG3
Digital input
Digital input without Schmitt Trigger Input
7
PG4
Digital input
Digital input without Schmitt Trigger Input
8
ACNTL
Analog input/output
Analog input/output
9
NEXT_O
Digital output
Push pull
10
NEXT_IN
Digital input
Digital input with Schmitt Trigger Input
11
GND
GND
Ground
12
PG1
Digital input
Digital input without Schmitt Trigger Input
13
PG2
Digital input
Digital input without Schmitt Trigger Input
14
OE2
Digital output
Push pull
15
OE1
Digital output
Push pull
16
POR
Digital output
Push pull
17
ALL_PG
Digital output
Push pull
18
REF_O
Analog input/output
Analog input/output
19
OE_O
Digital output
Push pull
20
EN
Digital input
Digital input without Schmitt Trigger Input
Absolute Maximum Ratings
CAUTION: Absolute Maximum ratings are stress ratings only. Functional operation beyond the recommended operating
conditions is not implied. Stress beyond the absolute maximum ratings may impair device life. Exposure to absolute
maximum rated conditions for extended periods may affect device reliability.
PARAMETER
MIN
MAX
UNITS
NOTES
VHIGH to GND
-0.3
7
V
Open Drain output nFLT_O.
Voltage at input pins
-0.3
7
V
Current at input pin
-1.0
1.0
mA
Storage temperature range
-65
150
°C
Junction temperature
--
150
°C
Electrical Characteristics
Unless otherwise noted: Ta = 25°C. Boldface limits apply over the operating temperature range, TA within -40°C to
+85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply voltage
VDD
1.71
3.3
5.5
V
Operating
temperature
TA
Ambient temperature with the chip
mounted on a typical PCB
-40
25
85
°C
2
www.altera.com/enpirion


Número de pieza similar - ES1030QI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Japan Aviation Electron...
ES10 JAE-ES10 Datasheet
290Kb / 5P
   Just need to insert the stripped wire into the connector for connection.
logo
Bruckewell Technology L...
ES1000FL BWTECH-ES1000FL Datasheet
630Kb / 4P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Zibo Seno Electronic En...
ES1000FL ZSELEC-ES1000FL Datasheet
141Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
logo
DAESAN ELECTRONIC CORP.
ES1000FL DAESAN-ES1000FL Datasheet
385Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
logo
Power-One
ES1001-7R POWER-ONE-ES1001-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
More results

Descripción similar - ES1030QI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UCD90160 TI1-UCD90160_15 Datasheet
2Mb / 52P
[Old version datasheet]   16-Rail Power Supply Sequencer
UCD9090A TI1-UCD9090A Datasheet
1Mb / 54P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor
UCD90160A TI1-UCD90160A Datasheet
2Mb / 59P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor
UCD90320U TI1-UCD90320U Datasheet
1Mb / 57P
[Old version datasheet]   32-Rail PMBus Power Sequencer and System Manager
UCD90240 TI1-UCD90240 Datasheet
1Mb / 49P
[Old version datasheet]   UCD90240 24-Rail PMBus Power Sequencer and System Manager
UCD90320 TI1-UCD90320 Datasheet
375Kb / 14P
[Old version datasheet]   UCD90320 32-Rail PMBus??Power Sequencer and System Manager
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com