Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI2306DS-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI2306DS-T1
Descripción Electrónicos  N-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2306DS-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI2306DS-T1 Datasheet HTML 1Page - Vishay Siliconix SI2306DS-T1 Datasheet HTML 2Page - Vishay Siliconix SI2306DS-T1 Datasheet HTML 3Page - Vishay Siliconix SI2306DS-T1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si2306DS
Vishay Siliconix
www.vishay.com
2
Document Number: 70827
S-31873—Rev. C, 15-Sep-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VDS = 0 V, ID = 250 mA
30
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
0.5
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V, TJ = 55_C
10
mA
On State Drain Currenta
ID( )
VDS w 4.5 V, VGS = 10 V
6
A
On-State Drain Currenta
ID(on)
VDS w 4.5 V, VGS = 4.5 V
4
A
Drain Source On State Resistancea
r
VGS = 10 V, ID = 3.5 A
0.046
0.057
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 2.8 A
0.070
0.094
W
Forward Transconductancea
gfs
VDS = 4.5 V, ID = 3.5 A
6.9
S
Diode Forward Voltagea
VSD
IS = 1.25 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Gate Charge
Qg
VDS = 15 V, VGS = 5 V, ID = 3.5 A
4.2
7
Total Gate Charge
Qgt
8.5
20
nC
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 10 V, ID = 3.5 A
1.9
nC
Gate-Drain Charge
Qgd
DS
, GS
, D
1.35
Gate Resistance
Rg
0.5
2.4
W
Input Capacitance
Ciss
555
Output Capacitance
Coss
VDS = 15 V, VGS = 0 V, f= 1 MHz
120
pF
Reverse Transfer Capacitance
Crss
DS
, GS
,
60
p
Switching
Turn-On Delay Time
td(on)
9
20
Rise Time
tr
VDD = 15 V, RL = 15 W
7.5
18
ns
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
17
35
ns
Fall Time
tf
5.2
12
Notes
a.
Guaranteed by design, not subject to production testing.
b.
Pulse test; pulse width v 300 ms, duty cycle v 2%.


Número de pieza similar - SI2306DS-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
SI2306DS-T1-GE3 VBSEMI-SI2306DS-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Descripción similar - SI2306DS-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com