Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9181DQ-18-T1-E3 Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza SI9181DQ-18-T1-E3
Descripción Electrónicos  Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9181DQ-18-T1-E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SI9181DQ-18-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI9181DQ-18-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI9181DQ-18-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9181DQ-18-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI9181DQ-18-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI9181DQ-18-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI9181DQ-18-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI9181DQ-18-T1-E3 Datasheet HTML 9Page - Vishay Siliconix SI9181DQ-18-T1-E3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Si9181
Vishay Siliconix
www.vishay.com
6
Document Number: 71119
S-40694—Rev. D, 19-Apr-04
TYPICAL CHARACTERISTICS (INTERNALLY REGULATED, 25_C UNLESS NOTED)
−80
−60
−40
−20
0
10
100
1000
10000
100000
1000000
Power Supply Rejection
Frequency (Hz)
CIN = 10 mF
COUT = 2.2 mF
ILOAD = 150 mA
−1.2
−1.0
−0.8
−0.6
−0.4
−0.2
−0.0
−40 −20
0
20
40
60
80
100 120 140
Normalized VOUT vs. Temperature
Junction Temperature (_C)
0
50
100
150
200
250
300
012
34
567
No Load GND Pin Current vs. Input Voltage
Input Voltage (V)
IOUT = 0 mA
IOUT = 200 mA
IOUT = 100 mA
−40_C
85_C
−1.5
−1.2
−0.9
−0.6
−0.3
0.0
0
50
100
150
200
250
300
350
GND Current vs. Load Current
Load Current (mA)
0
500
1000
1500
2000
−40 −20
0
20
40
60
80
100 120 140
GND Pin Current vs. Temperature and Load
25_C
IOUT = 0 mA
IOUT = 200 mA
IOUT = 350 mA
Junction Temperature (_C)
25_C
VOUT = 5 V
−0.75
−0.60
−0.45
−0.30
−0.15
0.00
0.15
0.30
0
50
100
150
200
250
300
350
400
Normalized Output Voltage vs. Load Current
Load Current (mA)
VOUT = 5 V
IOUT = 300 mA
IOUT = 350 mA


Número de pieza similar - SI9181DQ-18-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9181DQ-18-T1-E3 VISHAY-SI9181DQ-18-T1-E3 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
More results

Descripción similar - SI9181DQ-18-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
logo
ON Semiconductor
NCV8770 ONSEMI-NCV8770 Datasheet
210Kb / 13P
   Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
   Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com