Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9730CBY-T1-E3 Datasheet(PDF) 11 Page - Vishay Siliconix

No. de pieza SI9730CBY-T1-E3
Descripción Electrónicos  Dual-Cell Lithium Ion Battery Control IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9730CBY-T1-E3 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SI9730CBY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI9730CBY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI9730CBY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI9730CBY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix SI9730CBY-T1-E3 Datasheet HTML 10Page - Vishay Siliconix SI9730CBY-T1-E3 Datasheet HTML 11Page - Vishay Siliconix SI9730CBY-T1-E3 Datasheet HTML 12Page - Vishay Siliconix SI9730CBY-T1-E3 Datasheet HTML 13Page - Vishay Siliconix SI9730CBY-T1-E3 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Si9730
Vishay Siliconix
Document Number: 70658
S-40135—Rev. F, 16-Feb-04
www.vishay.com
11
Output Capacitor
Depending on the MOSFET selected, the Si9730 can open the
switch quite rapidly, in a matter of a few microseconds.
However, the various monitoring operations take 10-100 times
longer than this, and the basic period of the Si9730’s oscillator
is 4 msec. In order to prevent false readings by the Si9730, it
is necessary to attach a capacitor across the output of the
battery charger/load (this is not in parallel with the battery,
because of the switch). A 10-mF capacitor is recommended for
this purpose; see Figure 8.
Selecting a Current Sense Resistor
The current sense resistor should be selected based on the
maximum current the battery can source or charge at; above
this current, the Si9730 will open the switch, disconnecting the
battery from its load or charger.
Rsense = VILIMIT/IILIMIT  28 mV/IILIMIT
Of course, the resistor must be rated to take the power
dissipated in it as well:
PRSENSE = IILIMIT* VILIMIT  28 mV * IILIMIT
For example, suppose that the maximum current the battery
will see is 1.8 A. Then, ILIMIT might be chosen to be 2 A. We
would then select a resistor of
RSENSE = 28 mV/2 A = 14 mW.
The power dissipation in this resistor is
PRSENSE = 28 mV * 2 A = 56 mW
and so a 100mW surface mount resistor would be suitable.
Another possibility is to use a thin copper trace as the sense
resistor. The copper has a temperature coefficient of
0.39%/_C, but this is partially compensated for by the
temperature coefficient of the current limit comparator in the
Si9730, which is 0.18%/_C. A simple formula for selecting a
trace to act as a current sensor is:
R + 0.5 mW
length
width
1 oz. Copper
For example, to get a 14-mW. resistor, we need length/width
= 28; with a trace width of 0.01”, the length of the trace should
be 0.28”.
MOSFET Selection
Two MOSFETs in series, with their sources and gates
connected together, are used as the switch. This prevents
current from flowing in either direction when the gate is low; if
only one MOSFET were used, the body diode could conduct
current in the opposing direction.
LITTLE FOOT MOSFETs are recommended for this
application, because of their size, performance and cost
benefits. SO-8 and TSSOP-8 MOSFETs allow for space
efficient designs with performance equal to or better than their
DPAK and TO-220 predecessors. Further, their availability
from multiple sources permits a cost effective solution.
There are two important parameters to consider in MOSFET
selection: gate threshold voltage; and on-resistance, which
determines power dissipation.
Even when the DCO pin of the Si9730 is low, the specification
allows its value to be as high as 0.4 V. If this voltage were close
to the gate threshold voltage, leakage current through the
MOSFETs could be hundreds of microamps, which would
result in the battery quickly becoming discharged. To ensure
that leakage is minimized, n-channel MOSFETs with a
minimum gate threshold voltage of 0.8 V should be chosen.
On resistance of the MOSFETs needs to be selected to limit
power dissipation into the MOSFETs’ package. For example,
a dual MOSFET SO-8 package is rated at 2 W, and a dual
MOSFET TSSOP-8 package is rated at 1 W (both at 25_C; if
the ambient temperature is higher, the allowable power
dissipation in these packages is less). For example, if the
maximum current is 2 A, and a dual MOSFET SO-8 package
is being used, the maximum on-resistance of the two
MOSFETs in series must not exceed
1 W = (2 A)2 * RON
or RON = 0.25 W; each MOSFET can be allotted half of this,
RON = 125 mW. Account must also be taken of the fact that
MOSFETs’ on-resistance is a function of temperature; a
conservative approach would give a discount of 1/3, RON =
125 mW * (2/3) = 80 mW per MOSFET.
A list of recommended MOSFETs, which Vishay Silicoix
supplies, follows.


Número de pieza similar - SI9730CBY-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9730 VISHAY-SI9730 Datasheet
194Kb / 15P
   Dual-Cell Lithium Ion Battery Control IC
01-Jan-2022
SI9730 VISHAY-SI9730_V01 Datasheet
194Kb / 15P
   Dual-Cell Lithium Ion Battery Control IC
01-Jan-2022
More results

Descripción similar - SI9730CBY-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9730 VISHAY-SI9730_V01 Datasheet
194Kb / 15P
   Dual-Cell Lithium Ion Battery Control IC
01-Jan-2022
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
logo
Renesas Technology Corp
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
logo
Mitsumi Electronics, Co...
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
logo
Mitsubishi Electric Sem...
M62253FP MITSUBISHI-M62253FP Datasheet
62Kb / 5P
   LITHIUM ION BATTERY CHARGER CONTROL IC
logo
Mitsumi Electronics, Co...
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com