Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL2101CKG Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

No. de pieza SL2101CKG
Descripción Electrónicos  Synthesized Broadband Converter with Programmable Power
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2101CKG Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button SL2101CKG Datasheet HTML 5Page - Zarlink Semiconductor Inc SL2101CKG Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2101CKG Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2101CKG Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2101CKG Datasheet HTML 9Page - Zarlink Semiconductor Inc SL2101CKG Datasheet HTML 10Page - Zarlink Semiconductor Inc SL2101CKG Datasheet HTML 11Page - Zarlink Semiconductor Inc SL2101CKG Datasheet HTML 12Page - Zarlink Semiconductor Inc SL2101CKG Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SL2101
Data Sheet
9
Zarlink Semiconductor Inc.
Figure 10 - Typical RF Input Impedance as Narrow Band Downconverter (maximum power
setting)
Figure 11 - RF Input Impedance Matching Network as 1.22 GHz Downconverter
CH1
S 11
1 U FS
START 1 000.000 000 MHz
STOP 1 400.000 000 MHz
UA6
4.7V
Cor
Avg
16
Smo
PRm
Z 0
75
27 Jul 2001 09:05:31
1
2
3
4
1_: 20.07
-46.965
3.3888 pF
1 000.000 000 MHz
2_: 19.795
-34.527
1.15 GHz
3_: 20.666
-26.233
1.25 GHz
4_: 25.772
-15.155
1.4 GHz
2.7pF
10nF
3.9nH
9
10
RFINPUT
RFINPUTB
SL2101
RFIN
200


Número de pieza similar - SL2101CKG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Galaxy Semi-Conductor H...
SL210 BILIN-SL210 Datasheet
64Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Yangzhou yangjie electr...
SL210 YANGJIE-SL210 Datasheet
150Kb / 2P
   Schottky Rectifier
logo
Galaxy Semi-Conductor H...
SL210 BILIN-SL210 Datasheet
599Kb / 4P
   Schottky Barrier Rectifiers
logo
RFE international
SL210 RFE-SL210 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-04-2022
logo
Sangdest Microelectroni...
SL210A SMC-SL210A Datasheet
172Kb / 6P
   SCHOTTKY RECTIFIER
More results

Descripción similar - SL2101CKG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
logo
Eutech Microelectronics...
EUP3286 EUTECH-EUP3286 Datasheet
95Kb / 1P
   Converter with Programmable Frequency
logo
ON Semiconductor
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com