Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72561J6 Datasheet(PDF) 5 Page - STMicroelectronics |
|
ST72561J6 Datasheet(HTML) 5 Page - STMicroelectronics |
5 / 262 page ST72561 5/262 1 INTRODUCTION The ST72561/ST72563 devices are members of the ST7 microcontroller family designed for mid- range applications with CAN (Controller Area Net- work) and LIN (Local Interconnect Network) inter- face. All devices are based on a common industry- standard 8-bit core, featuring an enhanced instruc- tion set and are available with FLASH or ROM pro- gram memory. The enhanced instruction set and addressing modes of the ST7 offer both power and flexibility to software developers, enabling the design of highly efficient and compact application code. In addition to standard 8-bit data management, all ST7 micro- controllers feature true bit manipulation, 8x8 un- signed multiplication and indirect addressing modes. Figure 1. Device Block Diagram 8-BIT CORE ALU OSC1 OSC2 RESET PORT A CONTROL RAM (512 - 2048 Bytes) PA7:0 (8 bits)1 PROGRAM (16 - 60 K Bytes) MEMORY PLL x 2 PWM 8-bit PORT B PORT C SPI LIN SCI2 PB7:0 (8 bits)1 PC7:0 (8 bits)1 CAN (2.0B ACTIVE) OSC PORT D PD7:0 (8 bits)1 /2 option LIN SCI1 16-Bit TIMER (LIN master) (LIN master/slave) VSS VDD POWER SUPPLY PORT E PE7:0 (8 bits)1 PORT F PF7:0 (8 bits)1 TIMER ART MCC (Clock Control) 1On some devices only, see Device Summary on page 1 TLI1 WATCHDOG WINDOW 3 |
Número de pieza similar - ST72561J6 |
|
Descripción similar - ST72561J6 |