Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72561K6 Datasheet(PDF) 1 Page - STMicroelectronics |
|
ST72561K6 Datasheet(HTML) 1 Page - STMicroelectronics |
1 / 262 page May 2004 1/262 This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. Rev. 2 ST72561 8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI, ACTIVE CAN PRELIMINARY DATA s Memories – 32K to 60K High Density Flash (HDFlash) or ROM with read-out protection capability. In- Application Programming and In-Circuit Pro- gramming for HDFlash devices – 1 to 2K RAM – HDFlash endurance: 100 cycles, data reten- tion: 20 years at 55°C s Clock, Reset and Supply Management – Low power crystal/ceramic resonator oscilla- tors and bypass for external clock – PLL for 2x frequency multiplication – Five Power Saving Modes: Halt, Auto Wake Up From Halt, Active-Halt, Wait and Slow s Interrupt Management – Nested interrupt controller – 14 interrupt vectors plus TRAP and RESET – TLI top level interrupt (on 64-pin devices) – Up to 21 external interrupt lines (on 4 vectors) s Up to 48 I/O Ports – Up to 48 multifunctional bidirectional I/O lines – Up to 36 alternate function lines – Up to 6 high sink outputs s 5 Timers – 16-bit Timer with: 2 input captures, 2 output compares, external clock input, PWM and pulse generator modes – 8-bit Timer with: 1 or 2 input captures, 1 or 2 output compares, PWM and pulse generator modes – 8-bit PWM Auto-Reload Timer with: 1 or 2 in- put captures, 2 or 4 independent PWM output channels, output compare and time base in- terrupt, external clock with event detector – Main Clock Controller with: Real time base and Clock output – Window watchdog timer s Up to 4 Communications Interfaces – SPI synchronous serial interface – Master/slave LINSCI asynchronous serial interface – Master-only LINSCI asynchronous serial in- terface – CAN 2.0B active s Analog peripheral (low current coupling) – 10-bit A/D Converter with up to 16 inputs – Up to 9 robust ports (low current coupling) s Instruction Set – 8-bit data manipulation – 63 basic instructions – 17 main addressing modes – 8 x 8 unsigned multiply instruction s Development Tools – Full hardware/software development package Device Summary TQFP32 7x7mm TQFP44 10x10mm TQFP64 14 x 14 TQFP64 10 x 10 Features ST72(F)561(AR/R/J/K)9 ST72(F)561(AR/R/J/K)6 Program memory - bytes 60K 32K RAM (stack) - bytes 2K (256) 1K (256) Operating Supply 4.5V to 5.5V CPU Frequency External Resonator Osc. w/ PLLx2/8MHz Max. Temp. Range -40°C to +125°C Packages TQFP64 10x10mm (AR), TQFP64 14x14mm (R), TQFP44 10x10mm (J), TQFP32 7x7mm (K) 1 |
Número de pieza similar - ST72561K6 |
|
Descripción similar - ST72561K6 |