Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STFA80-T07 Datasheet(PDF) 2 Page - Vitec Power

No. de pieza STFA80-T07
Descripción Electrónicos  80W Open Frame Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  Vitec [Vitec Power]
Página de inicio  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STFA80-T07 Datasheet(HTML) 2 Page - Vitec Power

  STFA80-T07 Datasheet HTML 1Page - Vitec Power STFA80-T07 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* Note: The Ripple & Noise which is under 3.3VDC at 2% max
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-20
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 50°C to 50% load at 70°C
Approvals and Compliance
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage=500VDC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical
PIN CHART
PIN
MODEL
1
2
3
4
5
6
7
8
9
10
11
12
13
SIFA80-D15-13pin
N/C
N/C
Vo1
Vo1
Vo1
Vo1 COM COM COM Vo3 COM COM N/C
SIFA80-DXX-13pin Vo2 Vo2 Vo1 Vo1 Vo1 Vo1 COM COM COM N/C COM COM N/C
SIFA80-TXX-13pin
Vo2
Vo2
Vo1
Vo1
Vo1
Vo1 COM COM COM Vo3 COM COM N/C
Note: Vo1: Output#1 Vo2: Output#2 Vo3: Output#3
Note:
1.
Dimensions are shown in inches or mm.
2.
Weight: 350gs approx.
3.
Input connector mates with Molex housing
09-50-3051 and Molex 2478 series crimp terminal.
4.
Output connector mates with Molex housing
09-50-3061 (or 09-50-3081) and Molex 2478 series
crimp terminal


Número de pieza similar - STFA80-T07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vitec Power
STFA80-T07 Vitec-STFA80-T07 Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA80-T07 Vitec-STFA80-T07 Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA80-T07 Vitec-STFA80-T07 Datasheet
451Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
STFA80-T07-1 Vitec-STFA80-T07-1 Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA80-T07-1 Vitec-STFA80-T07-1 Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
More results

Descripción similar - STFA80-T07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vitec Power
SIFA80 Vitec-SIFA80 Datasheet
451Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
SIFA81-SERIES Vitec-SIFA81-SERIES Datasheet
453Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
SIFA81 Vitec-SIFA81 Datasheet
453Kb / 2P
   80W Open Frame Power Supply for Industrial Equipment
SMFA80-SERIES Vitec-SMFA80-SERIES Datasheet
363Kb / 2P
   80W Open-Frame Power Supply for Medical Equipment
STFA80 Vitec-STFA80 Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA81 Vitec-STFA81 Datasheet
451Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
STFA80-SERIES Vitec-STFA80-SERIES Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
SMFA80 Vitec-SMFA80 Datasheet
374Kb / 2P
   80W Open-Frame Power Supply for Medical Equipment
STFA81-SERIES Vitec-STFA81-SERIES Datasheet
451Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
SIFA60-SERIES Vitec-SIFA60-SERIES Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com