Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC90A53F Datasheet(PDF) 11 Page - Toshiba Semiconductor

No. de pieza TC90A53F
Descripción Electrónicos  3-LINE DIGITAL Y / C SEPARATOR IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90A53F Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TC90A53F Datasheet HTML 7Page - Toshiba Semiconductor TC90A53F Datasheet HTML 8Page - Toshiba Semiconductor TC90A53F Datasheet HTML 9Page - Toshiba Semiconductor TC90A53F Datasheet HTML 10Page - Toshiba Semiconductor TC90A53F Datasheet HTML 11Page - Toshiba Semiconductor TC90A53F Datasheet HTML 12Page - Toshiba Semiconductor TC90A53F Datasheet HTML 13Page - Toshiba Semiconductor TC90A53F Datasheet HTML 14Page - Toshiba Semiconductor TC90A53F Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TC90A53N/F
2001-02-08 11/17
C output (Ta
==== 25°C, VDD ==== 5 V, clock frequency ==== 3.579545 MHz, 0.5 Vp-p, S1 ==== 1, VREF1 ====
3.0 V)
CHARACTERISTIC
SYMBOL
TEST
CIR-
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
Wide Band
BWCW
1
Amplitude difference between fsc
where S2
= 2, S3 = 2, S4 = 1, S5 = 2
and fsc - 503496 Hz
VIN = 1.5 Vp-p, Vdc = 2.5 V
-0.5
-0.2
¾
BPF
Characteristics
Narrow
Band
BWCN
1
Amplitude difference between fsc
where S2
= 2, S3 = 2, S4 = 1, S5 = 2
and fsc - 503496 Hz
VIN
= 1.5 Vp-p, Vdc = 2.5 V
-1.0
-0.5
¾
dB
Gain
CV
1
S2
= 2, S3 = 2, S4 = 1,
S5
= 1, VIN = fsc,
430 mVp-p
-2
-0.9
-0.6
dB
Comb Characteristics
Comb
1
S2
= 2, S3 = 2,
S4
= 1, S5 = 2
VIN = 430 mVp-p,
Vdc
= 2.5 V
f3 / f2
30
35
¾
dB
Differential Gain
DG
1
0
2
5
%
Differential Phase
DP
1
S2
= 2, S3 = 3, S4 = 1,
S5
= 1, VIN = 5-stage staircase
waveform,
Y
= 140 IRE = 1.5 Vp-p
C
= 40 IRE (Figure 2)
DG
= (Comax-Comin) / Comax
(Figure 3)
0
2
5
°
Output Impedance
Zo
1
S2
= 2, S3 = 2, S5 = 2
VIN = 15.734 kHz, 1.5 Vp-p
Vdc
= 2.5 V
V1:S4
= 1, V2:S4 = 2
250
400
700
Clock Leakage
(4 fsc Component)
Lck
1
S2
= 2, S3 = 2, S4 = 1,
S5
= 1, VIN = No input
¾
5.0
20
mVrms
Clock Dominant Wave Leakag
(fsc Component)
Lsc
1
S2
= 2, S3 = 2, S4 = 1,
S5
= 1, VIN = No input
¾
0.3
1.0
mVrms
f1
= 15.734 kHz f2 = 3.587412 MHz f3 = 3.595279 MHz f4 = 4.783216 MHz
CLOCK PLL CIRCUIT CHARACTERISTICS
CHARACTERISTIC
SYMBOL
TEST
CIR-
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
Pull-in Frequency Range
(4 fsc Component)
fck
1
¾
3.57
3.58
3.59
MHz
Input Amplitude
(fsc Component)
Vck
1
¾
0.4
¾
¾
Vp-p
400
V2
V2
V1
Zo
´
=


Número de pieza similar - TC90A53F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC90A58F TOSHIBA-TC90A58F Datasheet
349Kb / 36P
   3-Channel AD Converter
More results

Descripción similar - TC90A53F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC90A13N TOSHIBA-TC90A13N Datasheet
542Kb / 14P
   3 LINE DIGITAL Y/C SEPARATION IC
TC90A49P TOSHIBA-TC90A49P Datasheet
337Kb / 17P
   3LINE DIGITAL Y / C SEPARATOR IC (MULTICOLOR TYPE)
logo
Sanyo Semicon Device
LA76600M SANYO-LA76600M Datasheet
247Kb / 8P
   Monolithic Linear IC Video Signal Y/C Separator IC
logo
Toshiba Semiconductor
TC90A44P TOSHIBA-TC90A44P Datasheet
245Kb / 11P
   NTSC 2-LINE DIGITAL Y / C SEPARATION IC
TC90A44P TOSHIBA-TC90A44P Datasheet
410Kb / 11P
   NTSC 2-LINE DIGITAL Y/C SEPARATION IC
logo
Sony Corporation
CXA1213AS SONY-CXA1213AS Datasheet
699Kb / 26P
   Y/C/JUNGLE IC FOR PAL/NTSC
logo
Panasonic Semiconductor
MN82832 PANASONIC-MN82832 Datasheet
83Kb / 4P
   3-Dimension Y/C Separation LSI
logo
Mitsumi Electronics, Co...
MM1188 MITSUMI-MM1188 Datasheet
119Kb / 5P
   3-Input 1-Output Video Switch (with Y-C mix) Monolithic IC
logo
Rohm
BA7071F ROHM-BA7071F Datasheet
75Kb / 7P
   SYNC separator IC with AFC
BA7046 ROHM-BA7046 Datasheet
92Kb / 7P
   SYNC separator IC with AFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com