Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9888TS Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza TDA9888TS
Descripción Electrónicos  DVB selective AGC amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9888TS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9888TS Datasheet HTML 3Page - NXP Semiconductors TDA9888TS Datasheet HTML 4Page - NXP Semiconductors TDA9888TS Datasheet HTML 5Page - NXP Semiconductors TDA9888TS Datasheet HTML 6Page - NXP Semiconductors TDA9888TS Datasheet HTML 7Page - NXP Semiconductors TDA9888TS Datasheet HTML 8Page - NXP Semiconductors TDA9888TS Datasheet HTML 9Page - NXP Semiconductors TDA9888TS Datasheet HTML 10Page - NXP Semiconductors TDA9888TS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
2004 Nov 02
7
Philips Semiconductors
Product specification
DVB selective AGC amplifier
TDA9888TS; TDA9889TS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Machine model (class B; SNW-FQ-302B): discharging a 200 pF capacitor via a 0.75
µH inductance.
2. Human body model (class 2; SNW-FQ-302A): discharging a 100 pF capacitor via a 1.5 k
Ω series resistor.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
IP = 64 mA; Tamb =70 °C;
maximum chip temperature of
125
°C; Rth(j-a) = maximum
5.5
V
Vi(n)
input voltage at pins 1 to 11, 13, 15 and 16
VP
V
tsc
short-circuit time to ground or VP
10
s
Tstg
storage temperature
−25
+150
°C
Tamb
ambient temperature
−20
+70
°C
Ves
electrostatic handling voltage for all pins
note 1
−200
+200
V
note 2
−2500
+2500
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
136
K/W


Número de pieza similar - TDA9888TS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9880T PHILIPS-TDA9880T Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9881 NXP-TDA9881 Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881HN NXP-TDA9881HN Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881TS NXP-TDA9881TS Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
More results

Descripción similar - TDA9888TS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
   AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
   AGC Amplifier
logo
Texas Instruments
SN761666 TI-SN761666 Datasheet
156Kb / 9P
[Old version datasheet]   AGC AMPLIFIER
SN761643 TI1-SN761643 Datasheet
842Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
OKI electronic componet...
KGF2441 OKI-KGF2441 Datasheet
88Kb / 6P
   AGC Amplifier
logo
Texas Instruments
SN761643 TI1-SN761643_14 Datasheet
520Kb / 8P
[Old version datasheet]   AGC AMPLIFIER
SN761663 TI-SN761663 Datasheet
211Kb / 9P
[Old version datasheet]   AGC Amplifier
logo
ANADIGICS, Inc
ATA01501 ANADIGICS-ATA01501 Datasheet
417Kb / 12P
   AGC Transimpedance Amplifier
ATA06211 ANADIGICS-ATA06211 Datasheet
212Kb / 8P
   AGC Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com