Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP1005A Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TLP1005A
Descripción Electrónicos  INFRARED LED PHOTO IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1005A Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TLP1005A Datasheet HTML 2Page - Toshiba Semiconductor TLP1005A Datasheet HTML 3Page - Toshiba Semiconductor TLP1005A Datasheet HTML 4Page - Toshiba Semiconductor TLP1005A Datasheet HTML 5Page - Toshiba Semiconductor TLP1005A Datasheet HTML 6Page - Toshiba Semiconductor TLP1005A Datasheet HTML 7Page - Toshiba Semiconductor TLP1005A Datasheet HTML 8Page - Toshiba Semiconductor TLP1005A Datasheet HTML 9Page - Toshiba Semiconductor TLP1005A Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TLP1004A(F),TLP1005A(F)
2004-02-13
6
PO – Ta
Ambient temperature Ta (°C )
300
0
−20
IF – Ta
Ambient temperature Ta (°C)
60
0
−20
50
40
30
20
10
0
20
40
60
80
100
250
200
150
100
50
0
20
40
60
80
100
IF – VF
(typ.)
Forward voltage VF (V)
100
1
0.8
VOL – IOL
(typ.)
Low level output current IOL (mA)
1
0.005
0.5
50
30
10
5
3
0.9
1.0
1.1
1.2
1.3
1.4
50 25
0
1
3
5
10
30
50
100
0.5
0.3
0.1
0.05
0.03
0.01
0.001
0.003
Ta =25°C
VCC =5V
IF =15mA(TLP1005A(F))
IF =0
(TLP1004A(F))
Ta=75°C
-25


Número de pieza similar - TLP1005A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP1000A TOSHIBA-TLP1000A Datasheet
420Kb / 9P
   TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
TLP1001A TOSHIBA-TLP1001A Datasheet
414Kb / 9P
   THSHIBA PHOTOINTERRUPTER INFRARED LEDPHOTO IC
TLP1001A TOSHIBA-TLP1001A Datasheet
420Kb / 9P
   TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
TLP1002A TOSHIBA-TLP1002A Datasheet
401Kb / 9P
   PHOTOINTERRUPTER
TLP1006A TOSHIBA-TLP1006A Datasheet
403Kb / 9P
   HOME ELECTRIC EQUIPMENT SUCH AS VCR,CD PLAYER
More results

Descripción similar - TLP1005A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP2161 TOSHIBA-TLP2161 Datasheet
448Kb / 17P
   Infrared LED & Photo IC
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
   Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
TLP5752 TOSHIBA-TLP5752 Datasheet
1,017Kb / 18P
   Photocouplers Infrared LED & Photo IC
2019-12-10 Rev.9.0
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
   Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP5222 TOSHIBA-TLP5222 Datasheet
2Mb / 25P
   Photocouplers Infrared LED & Photo IC
2022-07-22 Rev.3.0
TLP5774 TOSHIBA-TLP5774 Datasheet
1Mb / 18P
   Photocouplers Infrared LED & Photo IC
2020-01-29 Rev.6.0
TLP5774H TOSHIBA-TLP5774H Datasheet
985Kb / 18P
   Photocouplers Infrared LED & Photo IC
2021-04-02 Rev.1.0
TLX9310 TOSHIBA-TLX9310 Datasheet
238Kb / 7P
   Photocouplers Infrared LED & Photo IC
2019-11-18 Rev.5.0
TLP2703 TOSHIBA-TLP2703 Datasheet
675Kb / 17P
   Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.6.0
TLP2719 TOSHIBA-TLP2719 Datasheet
1Mb / 17P
   Photocouplers Infrared LED & Photo IC
2022-11-30 Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com