Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPCF8102 Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TPCF8102
Descripción Electrónicos  Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8102 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCF8102 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8102 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8102 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8102 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8102 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8102 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8102 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCF8102
2004-07-06
4
0
0
−0.2
−0.4
−0.6
−0.8
−1.0
−1
−2
−3
−4
−5
VGS = −1.4 V
Common source
Ta
= 25°C Pulse test
−1.5
−1.6
−1.7
−1.8
−1.9
−2.5
−2
−3
−4
−5
−4.5
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
|Yfs| – ID
Drain current ID (A)
RDS (ON) – ID
0
0
−1
−2
−3
−4
−5
−2
−4
−6
−8
−10
VGS = −1.4 V
Common source
Ta
= 25°C Pulse test
−1.5
−1.6
−1.7
−1.8
−1.9
−2
−2.5
−3
−4
−5
0
0
−0.5
−1.0
−1.5
−2.0
−2.5
−2
−4
−6
−8
−10
Ta
= −55°C
Ta
= 100°C
Ta
= 25°C
Common source
VDS = −10 V
Pulse test
0
0
−2
−4
−6
−10
−0.1
−0.2
−0.3
−0.4
−0.5
−8
Common source
Ta
= 25°C
Pulse test
ID = −6 A
−3 A
−1.5 A
1
−0.1
−1
−10
−100
10
100
1000
Common source
Ta
= 25°C
Pulse test
VGS = −4.5 V
−2.5 V
−1.8 V
0.1
−0.1
−1
−10
−100
1
10
100
Common source
VDS = −10 V
Pulse test
Ta
= 100°C
Ta
= −55°C
Ta
= 25°C


Número de pieza similar - TPCF8102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPCF8102 TOSHIBA-TPCF8102 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
More results

Descripción similar - TPCF8102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPC8112 TOSHIBA-TPC8112 Datasheet
258Kb / 4P
   Field Effect Transistor Silicon P Channel MOS Type(U-MOS III)
TPC8110 TOSHIBA-TPC8110 Datasheet
406Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8301 TOSHIBA-TPCF8301_07 Datasheet
196Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8101 TOSHIBA-TPCP8101 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS III)
TPCF8101 TOSHIBA-TPCF8101 Datasheet
187Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8101 TOSHIBA-TPCF8101_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8103 TOSHIBA-TPCF8103_07 Datasheet
264Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPC6105 TOSHIBA-TPC6105 Datasheet
226Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
   Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com