Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS2111PWRG4 Datasheet(PDF) 7 Page - Texas Instruments |
|
TPS2111PWRG4 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 20 page TPS2110 TPS2111 SLVS443 – DECEMBER 2002 www.ti.com 7 FUNCTIONAL BLOCK DIAGRAM Control Logic _ + VI(VSNS) >0.8 V D1 D0 UVLO (IN1) UVLO (IN2) UVLO (VDD) Q2 is ON Q1 is ON _ + _ + + 0.6 V EN2 EN1 Cross-Conduction Detector _ + Q2 Q1 Charge Pump 0.5 V TPS2110: k = 0.2% TPS2111: k = 0.1% k × IO(OUT) _ + VO(OUT) > VI(INx) + 100 mV _ + IO(OUT) Vf = 0 V EN1 IN2 IN1 7 4 OUT ILIM Internal VDD Vf = 0 V VDD ULVO Thermal Sense 1 µA IN2 ULVO 1 µA IN1 ULVO 0.8 V 8 6 1 2 3 5 IN1 IN2 D0 D1 VSNS GND |
Número de pieza similar - TPS2111PWRG4 |
|
Descripción similar - TPS2111PWRG4 |