Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB11988V Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza LB11988V
Descripción Electrónicos  Fan Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11988V Datasheet(HTML) 3 Page - ON Semiconductor

  LB11988V Datasheet HTML 1Page - ON Semiconductor LB11988V Datasheet HTML 2Page - ON Semiconductor LB11988V Datasheet HTML 3Page - ON Semiconductor LB11988V Datasheet HTML 4Page - ON Semiconductor LB11988V Datasheet HTML 5Page - ON Semiconductor LB11988V Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LB11988V
No.A0377-3/6
Pin Assignment
Truth Table and Control Functions
Hall input
Source
→Sink
U
V
W
FR
V
→ W
H
1
W
→ V
H
H
L
L
U
→ W
H
2
W
→ U
H
L
L
L
U
→ V
H
3
V
→ U
H
L
H
L
W
→ V
H
4
V
→ W
L
L
H
L
W
→ U
H
5
U
→ W
L
H
H
L
V
→ U
H
6
U
→ V
L
H
L
L
Note : The “H” state for FR is defined as a voltage of 8V or higher, and the
“L” state for FR is defined as a voltage of 4V or lower.
(When VCC = 12V.)
Note : For the Hall inputs, the input high state is defined to be the state
where the (+) input is higher than the corresponding (-) input by
0.01V or higher, and the input low state is defined to be the state
where the (+) input is lower than the corresponding (-) input by
0.01V or higher.
Note : Since this drive technique is a 180° current application scheme, the
phases other than the sink and the source phases will not turn off.
-30
-10
10
30
50
70
90
0
0.1
0.3
0.2
0.4
0.5
0.6
0.30
Ambient Temperature, Ta -
°C
Pd max - Ta
Independent IC
LB11988V
Top view


Número de pieza similar - LB11988V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11988V SANYO-LB11988V Datasheet
113Kb / 7P
   Fan Motor Driver
LB11988V SANYO-LB11988V Datasheet
122Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988V SANYO-LB11988V_12 Datasheet
122Kb / 6P
   Monolithic Digital IC Fan Motor Driver
More results

Descripción similar - LB11988V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AN8267S PANASONIC-AN8267S Datasheet
53Kb / 5P
   Fan Motor Driver
logo
ON Semiconductor
LA6587FA ONSEMI-LA6587FA Datasheet
81Kb / 5P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
   Fan Motor Driver
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
   Fan Motor Driver
logo
ON Semiconductor
LB11988HR ONSEMI-LB11988HR Datasheet
91Kb / 6P
   Fan Motor Driver
May, 2013
SS30 ONSEMI-SS30 Datasheet
159Kb / 7P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988D SANYO-LB11988D Datasheet
75Kb / 8P
   Fan Motor Driver
logo
ON Semiconductor
LA6581DM ONSEMI-LA6581DM Datasheet
211Kb / 5P
   Fan Motor Driver
January, 2014
LV8804FV ONSEMI-LV8804FV Datasheet
239Kb / 10P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988V SANYO-LB11988V Datasheet
113Kb / 7P
   Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com