Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC898123F40XC Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza LC898123F40XC
Descripción Electrónicos  Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898123F40XC Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LC898123F40XC_16 Datasheet HTML 3Page - ON Semiconductor LC898123F40XC_16 Datasheet HTML 4Page - ON Semiconductor LC898123F40XC_16 Datasheet HTML 5Page - ON Semiconductor LC898123F40XC_16 Datasheet HTML 6Page - ON Semiconductor LC898123F40XC_16 Datasheet HTML 7Page - ON Semiconductor LC898123F40XC_16 Datasheet HTML 8Page - ON Semiconductor LC898123F40XC_16 Datasheet HTML 9Page - ON Semiconductor LC898123F40XC_16 Datasheet HTML 10Page - ON Semiconductor LC898123F40XC_16 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LC898123F40XC
www.onsemi.com
10
9-2 Two Wire Serial Interface Timing
The device’s communication protocol is compatible with I2C (Fast mode Plus). This circuit has clock stretch function.
Item
Symbol
Pin name
Min
Typ
Max
Units
SCL clock frequency
Fscl
SCL
1000
kHz
START condition
hold time
tHD,STA
SCL
SDA
0.26
s
SCL clock
Low period
tLOW
SCL
0.5
s
SCL clock
High period
tHIGH
SCL
0.26
s
Setup time for repetition START
condition
tSU,STA
SCL
SDA
0.26
s
Data hold time
tHD,DAT
SCL
SDA
0 (*1)
0.9
s
Data setup time
tSU,DAT
SCL
SDA
50
ns
SDA, SCL
rising time
tr
SCL
SDA
120
ns
SDA, SCL
falling time
tf
SCL
SDA
120
ns
STOP condition setup time
tSU,STO
SCL
SDA
0.26
s
Bus free time between STOP
and START
tBUF
SCL
SDA
0.5
s
(*1) Although the I2C specification defines a condition that 300 ns of hold time is required internally,
LC898123F40XC is designed for a condition with typ. 40 ns of hold time. If SDA signal is unstable
around falling point of SCL signal, please implement an appropriate countermeasure on board, such
as inserting a resistor.
SD
SCL


Número de pieza similar - LC898123F40XC_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
More results

Descripción similar - LC898123F40XC_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC898124EP1XC ONSEMI-LC898124EP1XC Datasheet
274Kb / 10P
   Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
July 2016 - Rev. P1
LC898123F40XC ONSEMI-LC898123F40XC Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
August 2016 - Rev. 1
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
LC898113 ONSEMI-LC898113 Datasheet
182Kb / 7P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com