Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC898240 Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza LC898240
Descripción Electrónicos  High Efficient Stepper Motor Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898240 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LC898240 Datasheet HTML 4Page - ON Semiconductor LC898240 Datasheet HTML 5Page - ON Semiconductor LC898240 Datasheet HTML 6Page - ON Semiconductor LC898240 Datasheet HTML 7Page - ON Semiconductor LC898240 Datasheet HTML 8Page - ON Semiconductor LC898240 Datasheet HTML 9Page - ON Semiconductor LC898240 Datasheet HTML 10Page - ON Semiconductor LC898240 Datasheet HTML 11Page - ON Semiconductor LC898240 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LC898240
www.onsemi.com
8
Continued from preceding page
Parameter
Symbol
Condition
Min
Typ
Max
Unit
MOTOR SIGNAL INPUTS (OUTAI, OUTBI)
Input voltage range
VOUTI
Ta: -40 to 85°C
0
AVDD
V
AMPLIFIER OUTPUT (AMPO)
Output voltage range
VAMPO
Ta: -40 to 85°C
0
AVDD
V
Maximum gain
GHAMPO
Ta = 25°C
16
V/V
Minimum gain
GLAMPO
Ta = 25°C
1
V/V
ADC INPUTS (ADCI)
Input voltage range
VADCI
Ta: -40 to 85°C
0
AVDD
V
ADC offset error
ILADCI
Ta = 25°C
±2.0
LSB
ADC differential
non-linearity
DILADCI
Ta = 25°C
±1.0
LSB
REFERENCE VOLTAGE INPUT (VREFI)
Input voltage range
VVREFI
Ta: -40 to 85°C
AVDD
AVDD
V
REFERENCE VOLTAGE OUTPUT (VREFO)
Output voltage range
VVREFO
Ta: -40 to 85°C
AVDD = 3.3V
VREFI = 3.3V
0.24
3.07
V
DAC integral
non-linearity
INLVREFO
Ta = 25°C
±2.0
LSB
DAC differential
non-linearity
DNLVREFO
Ta = 25°C
±1.0
LSB
DAC zero scale voltage
VZVREFO
Ta = 25°C
0.14
0.24
0.34
V
DAC full scale voltage
VFVREFO
Ta = 25°C
2.97
3.07
3.17
V
2. Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted.
Product performance may not be indicated by the Electrical Characteristics if operated under different conditions.
FUNCTIONAL DESCRIPTON
Control Functions
LC898240 provides the following control functions.
(1) Driver Control: It controls a stepper motor driver
connected to LC898240.
(2) Programmable Speed Control: The step pulses
are generated based on the target speed and
acceleration/deceleration curve.
(3) High Efficient Current Control: The motor
driving current is adapted against the load, and it
gives high power efficiency.
Power On/Off
Ideally, he power should be supplied to DVDD1, AVDD,
DVDD2 and driver at the same time. But, if the
simultaneity is impossible, the power-on sequence must
be conformed to the following order within 100ms.
DVDD1 > AVDD > DVDD2 > driver
The power-off should also be done at the same time as
well as power-on. And, the power-off sequence must be
conformed to the following order within 100ms.
Driver > DVDD2 > AVDD > DVDD1
Speed Acceleration Control
This function is activated by set 1 to the bit STPSEL.
When the pin START is set H, or bit START_REG is set
1, the step pulses are generated and output to the pin STP,
based on the acceleration curve data written in the
E2PROM.
Current Control
The motor current is adjusted by the reference voltage at
the pin VREFO driven by 8-bit DAC.


Número de pieza similar - LC898240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC898240 ONSEMI-LC898240 Datasheet
531Kb / 23P
   Smooth Stepper Motor Controller
December 2015- Rev. P0
More results

Descripción similar - LC898240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Electronics
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
   STEPPER MOTOR CONTROLLER
logo
LSI Computer Systems
LS8297 LSI-LS8297 Datasheet
216Kb / 8P
   STEPPER MOTOR CONTROLLER
LS7290 LSI-LS7290 Datasheet
430Kb / 9P
   STEPPER MOTOR CONTROLLER
LS8397 LSI-LS8397 Datasheet
229Kb / 8P
   STEPPER MOTOR CONTROLLER
logo
ON Semiconductor
LV8702V ONSEMI-LV8702V Datasheet
399Kb / 27P
   PWM Current Control High-efficient Stepper Motor Driver
December 2014 - Rev. 2
logo
Texas Instruments
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com