Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSB50760SF Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FSB50760SF
Descripción Electrónicos  Motion SPM 5 Series Version 2 User?셲 Guide
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50760SF Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSB50760SF Datasheet HTML 1Page - Fairchild Semiconductor FSB50760SF Datasheet HTML 2Page - Fairchild Semiconductor FSB50760SF Datasheet HTML 3Page - Fairchild Semiconductor FSB50760SF Datasheet HTML 4Page - Fairchild Semiconductor FSB50760SF Datasheet HTML 5Page - Fairchild Semiconductor FSB50760SF Datasheet HTML 6Page - Fairchild Semiconductor FSB50760SF Datasheet HTML 7Page - Fairchild Semiconductor FSB50760SF Datasheet HTML 8Page - Fairchild Semiconductor FSB50760SF Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AN-9080
APPLICATION NOTE
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 4/16/14
2
1.
Introduction
1.1. About this Application Note
This application note is about Motion SPM® 5 Series
Version 2 products. It should be used in conjunction with
the datasheet, reference designs, and related application
notes listed in Related Resources. This note focuses on the
difference between Version 2 and the previous versions of
SPM parts, with emphasis on new IC functions
1.2. Design Concept
The key design objective of the SPM 5 series is to provide a
compact and reliable inverter solution for small power
motor drive applications. Ongoing efforts have improved
the performance, quality, and power rating of SPM 5 series
products and the Version 2 products are the latest results of
these enhancements. The new features include temperature-
sensing capability, built-in bootstrap diodes, and upgraded
ruggedness. Two higher power rating devices based on
super-junction MOSFET technology are added to cover
higher power rating applications without significantly
increasing cost.
The MOSFETs in SPM 5 series are specially processed to
reduce the amount of body-diode reverse recovery charge to
minimize the switching loss and enable fast switching
operations. Softness of the reverse-recovery characteristics
is managed through advanced MOSFET design with
optimized gate resistor selections to contain Electromagnetic
Interference (EMI) noise within a reasonable range.
SPM 5 series has six fast-recovery MOSFETs (FRFET
®
)
and three high-voltage half-bridge gate drive ICs. These
MOSFETs and HVICs are not available as discrete parts.
An
FRFET-based
power
module
has
much
better
ruggedness and a larger safe operation area (SOA) than
IGBT-based module or Silicon-On-Insulator modules.
The FRFET-based power module has a big advantage in
light-load efficiency over IGBT-based because the voltage
drop across the transistor decreases linearly as current
decrease, whereas IGBT Vce saturation voltage stays at the
threshold level. Some applications require continuous
operation at light load except short transients and improving
the efficiency in the light-load condition is the key to saving
energy. Refrigerators, water circulation pumps, and some
fans are good examples.
The temperature-sensing function of version 2 products is
implemented in the HVIC to enhance system reliability. An
analog voltage proportional to the temperature of the HVIC
is provided for monitoring the module temperature and
necessary protections against over-temperature situations.
Three internal bootstrap diodes with resistive characteristics
reduce the number of external components and make the
PCB design more compact, beneficial when designing an
inverter built inside the motor.
1.3. Features
The detailed features and integrated functions are:
 Variety of products with different voltage and power
ratings: 250/500/600 V 3-phase FRFET
inverter ,including HVICs
 Three divided negative DC-link terminals for leg current
sensing
 HVIC for gate driving of FRFET, under-voltage
protection, and thermal sensing functions
 3.3/5 V Schmitt trigger input with active HIGH logic
 Built-in bootstrap diodes
 Single-grounded power supply and optocoupler-less
interface due to built-in HVIC
 Minimized standby current of HVIC for energy regulation
 Packages; DIP, SMD, Double-DIP, Zigzag-DIP
 Isolation voltage rating of 1500 V
RMS for 1 minute
 Moisture Sensitive Level 3 (MSL3) for SMD package


Número de pieza similar - FSB50760SF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSB50760SF FAIRCHILD-FSB50760SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
logo
ON Semiconductor
FSB50760SF ONSEMI-FSB50760SF Datasheet
762Kb / 13P
   Motion SPM 5 SuperFET Series
April 2014 Rev. C6
logo
Fairchild Semiconductor
FSB50760SFS FAIRCHILD-FSB50760SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
logo
ON Semiconductor
FSB50760SFS ONSEMI-FSB50760SFS Datasheet
734Kb / 12P
   Motion SPM 5 SuperFET Series
Aug 2015 Rev. 1.1
logo
Fairchild Semiconductor
FSB50760SFT FAIRCHILD-FSB50760SFT Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
More results

Descripción similar - FSB50760SF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50325A ONSEMI-FSB50325A Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
FSB50250AT ONSEMI-FSB50250AT Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FAN604H ONSEMI-FAN604H Datasheet
891Kb / 13P
   Motion SPM 5 Series
Rev. 1.2
FSB50450A ONSEMI-FSB50450A Datasheet
882Kb / 14P
   Motion SPM 5 Series
July 2016 Rev. 1.7
NFA50460R4B ONSEMI-NFA50460R4B Datasheet
968Kb / 13P
   Motion SPM 5 Series
December, 2020 ??Rev. 0
FSB50650B ONSEMI-FSB50650B Datasheet
558Kb / 11P
   Motion SPM 5 Series
March, 2019 ??Rev. 2
FSB50250AS ONSEMI-FSB50250AS Datasheet
718Kb / 12P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50825AS ONSEMI-FSB50825AS Datasheet
454Kb / 11P
   Motion SPM 5 Series
April 2015 Rev. 1.6
FSB50550AS ONSEMI-FSB50550AS Datasheet
718Kb / 12P
   Motion SPM 5 Series
January 2014 Rev. C4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com