Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Q05 Datasheet(PDF) 5 Page - XP Power Limited

No. de pieza Q05
Descripción Electrónicos  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPPOWER [XP Power Limited]
Página de inicio  http://www.xppower.com
Logo XPPOWER - XP Power Limited

Q05 Datasheet(HTML) 5 Page - XP Power Limited

  Q05 Datasheet HTML 1Page - XP Power Limited Q05 Datasheet HTML 2Page - XP Power Limited Q05 Datasheet HTML 3Page - XP Power Limited Q05 Datasheet HTML 4Page - XP Power Limited Q05 Datasheet HTML 5Page - XP Power Limited Q05 Datasheet HTML 6Page - XP Power Limited Q05 Datasheet HTML 7Page - XP Power Limited Q05 Datasheet HTML 8Page - XP Power Limited Q05 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
4752CM01
PAGE 5
Q SERIES
0 TO 5V ONLY (FOR MODELS OVER 3kV)
WWW.XPPOWER.COM
Q MODELS - 0.50 Watt
OUTPUT
VOLTAGE*2
MODEL
MAXIMUM OUTPUT
CURRENT*1
RIPPLE
P-P
POSITIVE
0 to +2,500 VDC
Q25
0.200 mA
<0.500 %
0 to +3,000 VDC
Q30
0.167mA
<0.500 %
0 to +4,000 VDC
Q40
0.125 mA
<0.500 %
0 to +5,000 VDC
Q50
0.100 mA
<0.500 %
NEGATIVE
0 to -2,500 VDC
Q25N
0.200 mA
<0.500 %
0 to -3,000 VDC
Q30N
0.167 mA
<0.500 %
0 to -4,000 VDC
Q40N
0.125 mA
<0.500 %
0 to -5,000 VDC
Q50N
0.100 mA
<0.500 %
INPUT CURRENT
Q MODELS - 0.50 Watt
VIN
NO-LOAD
FULL-LOAD
5 VDC
<250 mA
<400 mA
12 VDC
<100 mA
<250 mA
15 VDC
<75 mA
<125 mA
24 VDC
<35 mA
<75 mA
PARAMETER
VALUE
INPUT VOLTAGE
0 to 5, 12, 15 or 24 VOLTS
0 TO 5V (FOR MODELS OVER 3KV)
TYPICAL TURN-ON VOLTAGE
<0.7 VOLTS
ISOLATION
< +/- 500 VDC BIAS ON OUTPUT RETURN (PIN4)
OUTPUT VOLTAGE TOLERANCE
+10%, -10% (AT 100% OUTPUT, FULL LOAD)
FREQUENCY
75-500KHZ (TYPICAL)
CONTROL PIN
0 to VIN (SEE PAGE 12 FOR DETAILS)
STORAGE TEMPERATURE
-55 to +105°C
STANDARD OPERATING TEMPERATURE -25 to +60°C*4 (CASE)
EXTENDED OPERATING TEMPERATURE -55 to +70°C*4 (CASE) [Q models / 0.5W]
ELECTRICAL SPECIFICATIONS*3(2,500V - 5,000V)


Número de pieza similar - Q05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerbox
Q05-12 POWERBOX-Q05-12 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Q05-24 POWERBOX-Q05-24 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Q05-5 POWERBOX-Q05-5 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
More results

Descripción similar - Q05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com