Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G58 Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza 74AUP1G58
Descripción Electrónicos  CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G58 Datasheet(HTML) 1 Page - Diodes Incorporated

  74AUP1G58 Datasheet HTML 1Page - Diodes Incorporated 74AUP1G58 Datasheet HTML 2Page - Diodes Incorporated 74AUP1G58 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G58 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G58 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G58 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G58 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G58 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G58 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
74AUP1G58
Document number: DS36853 Rev. 1 - 2
1 of 16
www.diodes.com
June 2015
© Diodes Incorporated
74AUP1G58
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free,
"Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
CONFIGURABLE MULTIPLE-FUNCTION GATE
Description
The 74AUP1G58 is a single, 3-input positive configurable multiple
function gate with a standard push-pull output. The output state is
determined by eight patterns of 3-bit input. The user can chose the
logic functions AND, OR, NAND, NOR, XOR, inverter or non-inverting
buffer. All inputs can be connected to ground or Vcc as required.
The device is designed for operation with a power supply range of
0.8V to 3.6V.
The inputs are tolerant to 3.6V allowing this device to be used in a
mixed voltage environment.
The device is fully specified for partial power down applications using
IOFF. The IOFF circuitry disables the output preventing damaging
current backflow when the device is powered down. The user is
reminded that the device can simulate several types of logic gates but
may respond differently due to the Schmitt action at the inputs.
Pin Assignments
A
Y
4
3
2
1
SOT26
(Top View)
GND
B
C
6
Vcc
5
5
3
2
1
4
2
4
5
6
3
1
(Top View)
X2-DFN1410 -6
A
GND
Vcc
Y
C
B
A
Y
SOT363
(Top View)
GND
B
4
3
2
1
C
6
Vcc
5
A
GND
B
Vcc
Y
C
6
X2-DFN1010-6
1
2
3
4
5
6
A
GND
B
Vcc
Y
C
(Top View)
(Top View)
X2-DFN0910-6
Features
Advanced Ultra Low-Power (AUP) CMOS
Supply Voltage Range from 0.8V to 3.6V
±4mA Output Drive at 3.0V
Low Static Power Consumption
IC < 0.9µA
Low Dynamic Power Consumption
CPD = 4.8pF Typical at 3.6V
Schmitt Trigger Action at all inputs makes the circuit tolerant for
slower input rise and fall time. The hysteresis is typically 950mV
at VCC = 3.0V.
IOFF Supports Partial-Power-Down Mode Operation
ESD Protection per JESD 22
Exceeds 200-V Machine Model (A115)
Exceeds 2000-V Human Body Model (A114)
Exceeds 1000-V Charged Device Model (C101)
Latch-Up Exceeds 100mA per JESD 78, Class I
Standard SOT26 and SOT363 packages
Leadless packages per JESD30E
DFN1410 denoted as X2-DFN1410-6
DFN1010 denoted as X2-DFN1010-6
DFN0910 denoted as X2-DFN0910-6
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Hal
ogen and Antimony Free. “Green” Device (Note 3)
Applications
Suited for Battery and Low Power Needs
Voltage Level Shifting
General Purpose Logic
Power Down Signal Isolation
Wide array of products such as:
PCs, Networking, Notebooks, Netbooks, PDAs
Tablet Computers, E-readers
Computer Peripherals, Hard Drives, CD/DVD ROMs
TVs, DVDs, DVRs, Set-Top Boxes
Cell Phones, Personal Navigation / GPS
MP3 Players, Cameras, Video Recorders
Future Product


Número de pieza similar - 74AUP1G58

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G58 NXP-74AUP1G58 Datasheet
109Kb / 19P
   Low-power configurable multiple function gate
Rev. 03-22 June 2009
logo
Fairchild Semiconductor
74AUP1G58 FAIRCHILD-74AUP1G58 Datasheet
573Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
logo
ON Semiconductor
74AUP1G58 ONSEMI-74AUP1G58 Datasheet
588Kb / 13P
   Low Power Universal Configurable Two-Input Logic Gate
October 2010 Rev. 1.0.5
logo
Nexperia B.V. All right...
74AUP1G58 NEXPERIA-74AUP1G58 Datasheet
290Kb / 20P
   Low-power configurable multiple function gate
Rev. 9 - 24 January 2022
logo
Fairchild Semiconductor
74AUP1G58FHX FAIRCHILD-74AUP1G58FHX Datasheet
573Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
More results

Descripción similar - 74AUP1G58

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com