Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC574A Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza 74LVC574A
Descripción Electrónicos  OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC574A Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC574A Datasheet HTML 1Page - Diodes Incorporated 74LVC574A Datasheet HTML 2Page - Diodes Incorporated 74LVC574A Datasheet HTML 3Page - Diodes Incorporated 74LVC574A Datasheet HTML 4Page - Diodes Incorporated 74LVC574A Datasheet HTML 5Page - Diodes Incorporated 74LVC574A Datasheet HTML 6Page - Diodes Incorporated 74LVC574A Datasheet HTML 7Page - Diodes Incorporated 74LVC574A Datasheet HTML 8Page - Diodes Incorporated 74LVC574A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74LVC574A
Document number: DS35898 Rev. 1 - 2
1 of 11
www.diodes.com
July 2014
© Diodes Incorporated
74LVC574A
OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS
Description
The 74LVC574A provides eight edge-triggered D-type flip-flops
featuring 3-state outputs designed specifically for driving highly
capacitive or relatively low-impedance loads. These devices are
particularly suitable for implementing buffer registers, input/output (I/O)
ports, bidirectional bus drivers, and working registers. On the positive
transition of the clock (CLK) input, the Q outputs are set to the logic
levels set up at the data (D) inputs. A buffered output-enable (OE)
input can be used to place the eight outputs in either a normal logic
state (high or low logic levels) or the high-impedance state. In the
high-impedance state, the outputs neither load nor drive the bus lines
significantly. The high-impedance state and increased drive provide
the capability to drive bus lines without interface or pullup components.
OE does not affect internal operations of the latch. Old data can be
retained or new data can be entered while the outputs are in the high-
impedance state.
These devices feature inputs and outputs on opposite sides of the
package that facilitate printed circuit board layout.
The device is designed for operation with a power supply range of
1.65V to 3.6V. The device is fully specified for partial power down
applications using IOFF.
Features
Supply Voltage Range from 1.65V to 3.6V
Sinks or Sources 24mA at VCC = 3V
CMOS Low Power Consumption
IOFF Supports Partial-Power Down Operation
Inputs or Outputs Accept Up to 5.5V
Inputs Can Be Driven by 3.3V or 5V Allowing for Mixed Voltage
Applications
Schmitt Trigger Action at All Inputs
Typical VOLP (Quiet Output Ground Bounce) less than 0.8V with
VCC = 3.3V and TA = +25°C
Typical VOHV (Quiet Output Dynamic VOH) greater than 2.0V
with VCC = 3.3V and TA = +25°C
ESD Protection Tested per JESD 22
Exceeds 200-V Machine Model (A115)
Exceeds 2000-V Human Body Model (A114)
Exceeds 1000-V Charged Device Model (C101)
Latch-Up Exceeds 250mA per JESD 78, Class I
All devices are:
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
General Purpose Logic
Bus Driving
Power Down Signal Isolation
Wide Array of Products Such as:
PCs, Notebooks, Netbooks, Ultrabooks
Networking Computer Peripherals, Hard Drives, CD/DVD
ROM
TV, DVD, DVR, set top box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen and Antimony free,
"Green" and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Número de pieza similar - 74LVC574A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC574A PHILIPS-74LVC574A Datasheet
99Kb / 10P
   Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
logo
ON Semiconductor
74LVC574A ONSEMI-74LVC574A Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
logo
Nexperia B.V. All right...
74LVC574A NEXPERIA-74LVC574A Datasheet
271Kb / 15P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 30 August 2021
logo
NXP Semiconductors
74LVC574ABQ PHILIPS-74LVC574ABQ Datasheet
142Kb / 19P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger 3-state
Rev. 5-18 December 2012
logo
Nexperia B.V. All right...
74LVC574ABQ NEXPERIA-74LVC574ABQ Datasheet
271Kb / 15P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 30 August 2021
More results

Descripción similar - 74LVC574A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com