Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8627AKS-REEL7 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD8627AKS-REEL7
Descripción Electrónicos  Precision Low Power Single-Supply JFET Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8627AKS-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8627AKS-REEL7 Datasheet HTML 6Page - Analog Devices AD8627AKS-REEL7 Datasheet HTML 7Page - Analog Devices AD8627AKS-REEL7 Datasheet HTML 8Page - Analog Devices AD8627AKS-REEL7 Datasheet HTML 9Page - Analog Devices AD8627AKS-REEL7 Datasheet HTML 10Page - Analog Devices AD8627AKS-REEL7 Datasheet HTML 11Page - Analog Devices AD8627AKS-REEL7 Datasheet HTML 12Page - Analog Devices AD8627AKS-REEL7 Datasheet HTML 13Page - Analog Devices AD8627AKS-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8627/AD8626/AD8625
Rev. B | Page 10 of 20
FREQUENCY (Hz)
–60
–40
–20
0
20
40
60
80
100
120
140
1k
10k
100k
1M
10M
+PSRR
–PSRR
VSY =5V
Figure 26. PSRR vs. Frequency
FREQUENCY (Hz)
0
30
60
90
120
150
180
210
240
270
300
1k
10k
100k
1M
100M
10M
G = 100
G = 1
G = 10
VSY = ±13V
Figure 27. Output Impedance vs. Frequency
FREQUENCY (Hz)
0
30
60
90
120
150
180
210
240
270
300
1k
10k
100k
1M
100M
10M
G = 100
G = 1
G = 10
VSY =5V
Figure 28. Output Impedance vs. Frequency
TIME (400
µs/DIV)
INPUT
OUTPUT
VSY = ±13V
Figure 29. No Phase Reversal
SETTLING TIME (
µs)
–15
–10
–5
0
5
10
15
0
0.5
1.0
1.5
2.5
2.0
TS + (1%)
TS + (0.1%)
TS – (1%)
TS – (0.1%)
Figure 30. Output Swing and Error vs. Settling Time
CAPACITANCE (pF)
0
10
60
50
40
30
20
70
10
100
1k
OS–
OS+
VS = ±13V
RL = 10k
VIN = 100mV p-p
AV = +1
Figure 31. Small Signal Overshoot vs. Load Capacitance


Número de pieza similar - AD8627AKS-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8627AKSZ-R2 AD-AD8627AKSZ-R2 Datasheet
290Kb / 20P
   Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8627AKSZ-REEL AD-AD8627AKSZ-REEL Datasheet
290Kb / 20P
   Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8627AKSZ-REEL7 AD-AD8627AKSZ-REEL7 Datasheet
290Kb / 20P
   Precision Low Power Single-Supply JFET Amplifiers
Rev. F
More results

Descripción similar - AD8627AKS-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8625 AD-AD8625_13 Datasheet
290Kb / 20P
   Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8641 AD-AD8641 Datasheet
327Kb / 12P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. 0
AMP04 AD-AMP04 Datasheet
511Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. A
AMP04FPZ AD-AMP04FPZ Datasheet
339Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
   Precision Single Supply Instrumentation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMP04FSZ AVAGO-AMP04FSZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA2234M TI1-OPA2234M Datasheet
964Kb / 19P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com