Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74279228111 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 74279228111
Descripción Electrónicos  WE-MPSB EMI Multilayer Power Suppression Bead
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74279228111 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74279228111 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279228111 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279228111 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279228111 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279228111 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279228111 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions: [mm]
0,3 ±0,2
1,6±0,2
Scale - 20:1
Recommended Land Pattern: [mm]
Scale - 20:1
0,7
W
WIDE BAND / HIGH SPEED: W = 2,2
HIGH CURRENT:
W = 2,6
Schematic:
Properties
Test conditions
Value
Unit
Tol.
Impedance @ 100 MHz
100 MHz
Z
110
±25%
Maximum Impedance
226 MHz
Z
135
typ.
Rated Current
ΔT = 40 K
IR
4100
mA
max.
DC Resistance
RDC
14.5
mΩ
typ.
DC Resistance
RDC
20
mΩ
max.
Type
High Current
Electrical Properties:
Do not use this part constantly beyond the Rated Current, as this will create excessive heat and can
harm the component
Storage Temperature (in
original packaging)
-20 °C up to +60 °C
Operating Temperature
-55 °C up to +125 °C
Test conditions of Electrical Properties: 20°C, 33% RH if not specified differently
General Information:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
MHB
MHB
DIN ISO 2768-1m
DESCRIPTION
WE-MPSB EMI Multilayer Power
Suppression Bead
ORDER CODE
74279228111
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
0603
001.000
Draft
2015-11-10
eiSos
1/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 74279228111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7427922808 WURTH-7427922808 Datasheet
358Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
logo
Texas Instruments
7427922808 TI-7427922808 Datasheet
3Mb / 36P
[Old version datasheet]   TPS6291x 3-V to 17-V, 2-A/3-A Low Noise and Low Ripple Buck Converter with Integrated Ferrite Bead Filter Compensation
7427922808 TI-7427922808 Datasheet
4Mb / 33P
[Old version datasheet]   TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
REVISED DECEMBER 2022
logo
Wurth Elektronik GmbH &...
74279228260 WURTH-74279228260 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279228600 WURTH-74279228600 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
More results

Descripción similar - 74279228111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
74279224251 WURTH-74279224251 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279225101 WURTH-74279225101 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279223560 WURTH-74279223560 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224101 WURTH-74279224101 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279220321 WURTH-74279220321 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279228600 WURTH-74279228600 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279220800 WURTH-74279220800 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224171 WURTH-74279224171 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224181 WURTH-74279224181 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224271 WURTH-74279224271 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com