Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-CE30 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-CE30
Descripción Electrónicos  T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CE30 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-CE30 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CE30 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CE30 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CE30 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CE30 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CE30 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-CE30 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Agilent HLMP-CE15, HLMP-CE16,
HLMP-CE23, HLMP-CE24,
HLMP-CE30, HLMP-CE31
T-1 3/4 (5 mm) Precision
Optical Performance
InGaN Bluish-Green LED Lamps
Data Sheet
Description
These high intensity bluish-green
LEDs are based on InGaN material
technology. InGaN is the most
efficient and cost effective material
for LEDs in the blue and green
region of the spectrum. The 505 nm
typical dominant wavelength
matches international specifications
for green traffic signals.
These LED lamps are untinted,
nondiffused, T-1 3/4 packages
incorporating second generation
optics producing well defined
spatial radiation patterns at specific
viewing cone angles.
These lamps are made with an
advanced optical grade epoxy,
offering superior temperature and
moisture resistance in outdoor
signal and sign applications. The
package epoxy contains both UV-a
and UV-b inhibitors to reduce the
effects of long term exposure to
direct sunlight.
These lamps are available in three
viewing angle options and two
package options to give the
designer flexibility with optical
design and device mounting.
CAUTION: HLMP-CExx LEDs are Class 1 ESD sensitive. Please observe appropriate precautions during handling
and processing. Refer to Agilent Application Note AN-1142 for additional details.
Features
• Smooth, consistent spatial
radiation patterns
• High luminous output
• Viewing angles 15˚, 23˚, and 30˚
• Superior resistance to moisture
Benefits
• Viewing angles match traffic
signal requirements
• Superior performance in outdoor
environments
• Suitable for autoinsertion onto
PC boards
Applications
• Traffic signals
• Railroad signals
• Commercial outdoor signs
• Automotive interior lights


Número de pieza similar - HLMP-CE30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-CE30 HP-HLMP-CE30 Datasheet
158Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE30 AVAGO-HLMP-CE30 Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CE30-RSC00 AVAGO-HLMP-CE30-RSC00 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CE30-RSCDD AVAGO-HLMP-CE30-RSCDD Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CE30-RSCXX AVAGO-HLMP-CE30-RSCXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

Descripción similar - HLMP-CE30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-CE23 HP-HLMP-CE23 Datasheet
158Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
logo
Broadcom Corporation.
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com