Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STDA40-S11 Datasheet(PDF) 1 Page - Vitec Power

No. de pieza STDA40-S11
Descripción Electrónicos  40W Desktop Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  Vitec [Vitec Power]
Página de inicio  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA40-S11 Datasheet(HTML) 1 Page - Vitec Power

  STDA40-S11 Datasheet HTML 1Page - Vitec Power STDA40-S11 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STDA40 SERIES
40W Desktop Power Supply for I.T. Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
IEC-320-C14 input inlet
Output Voltage Available From 5VDC Thru 50VDC
Approved as Limited Power Source (LPS), Splash Proof
Class I Insulation
Input Surge Current, Over Voltage, Over Load and Output Voltage protection.
Energy Star, CEC V/IV,and RoHS compliance
2 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Max. Output Current
Total Regulation
Max. Output Power
STDA40-S02*
5 ~ 6 VDC
4.16 ~ 5.00 A
5%
25W
STDA40-S03*
6 ~ 8 VDC
5.00 ~ 3.75 A
5%
30W
STDA40-S04
8 ~ 11 VDC
3.63 ~ 5.00 A
4%
35W
STDA40-S05
11 ~ 13 VDC
3.07 ~ 3.63 A
3%
40W
STDA40-S06*
13 ~ 16 VDC
3.07 ~ 2.50 A
3%
40W
STDA40-S07*
16 ~ 21 VDC
1.90 ~ 2.50 A
3%
40W
STDA40-S08*
21 ~ 27 VDC
1.48 ~ 1.90 A
2%
40W
STDA40-S09
27 ~ 33 VDC
1.48 ~ 1.21 A
2%
40W
STDA40-S10
33 ~ 40 VDC
1.21 ~ 1.00 A
2%
40W
STDA40-S11
40 ~ 50 VDC
1.00 ~ 0.80 A
2%
40W
Mark " * " means " PSE approval "
The model number of S05~S11 had been approved by CEC level V.
Model. S02~S05 shall use “AWG#16,4FT long “ to meet the requirement of CEC.
Model. S06~S11 shall use “AWG#18,4FT long “ to meet the requirement of CEC.
The regulation will be changed by modified output cable.
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
40
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
1
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.5
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=100VAC
20
25
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
42
50
A
Efficiency
Io=Full Load, Vin=230VAC
78
83
90
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
7
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load,Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
12
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
0.5
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.5
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
No-Load Power Consumption
No load, Vin=240VAC
0.3
0.5
W


Número de pieza similar - STDA40-S11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vitec Power
STDA40-S11 Vitec-STDA40-S11 Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
More results

Descripción similar - STDA40-S11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vitec Power
MTDA40A-SERIES Vitec-MTDA40A-SERIES Datasheet
406Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA40 Vitec-STDA40 Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
MTDA40A Vitec-MTDA40A Datasheet
417Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA20A Vitec-STDA20A Datasheet
389Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
STDA25B Vitec-STDA25B Datasheet
390Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
STDA80 Vitec-STDA80 Datasheet
374Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
ITDA180I Vitec-ITDA180I Datasheet
372Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
STDA131 Vitec-STDA131 Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
STDA150 Vitec-STDA150 Datasheet
411Kb / 2P
   150W Desktop Power Supply for I.T. Equipment
ITDA180T Vitec-ITDA180T Datasheet
304Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com