Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STUA60-Q02-3 Datasheet(PDF) 2 Page - Vitec Power

No. de pieza STUA60-Q02-3
Descripción Electrónicos  63W U-Bracket Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  Vitec [Vitec Power]
Página de inicio  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STUA60-Q02-3 Datasheet(HTML) 2 Page - Vitec Power

  STUA60-Q02-3 Datasheet HTML 1Page - Vitec Power STUA60-Q02-3 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STUA60-Q04-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
STUA60-Q04-2
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
STUA60-Q04-3
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
STUA60-Q23
+5V
0.1A
1A
5%
+24V
0.18A
1.8A
5%
-15V
0A
0.1A
5%
+12V
0A
0.8A
5%
59.3W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
63
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.6
A
Input Current (High Line)
Io=Full load, Vin=230VAC
1.0
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
12
15
A
High Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=230VAC
26
30
A
Efficiency
Io=Full Load, Vin=230VAC
70
80
88
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
7
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
12
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
* Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.4
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
* Note: The Ripple & Noise which is under 3.3VDC at 2% max
The range of OCP is set between 110-150% of total output power .
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
25
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 25°C to 50% load at 70°C
Approvals and Compliance
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2121
VDC
Isolation Resistance
Test Voltage=500VDC
50
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical
PIN CHART
PIN
MODEL
1
2
3
4
5
6
7
8
STUA60-SXX
OUT OUT OUT RTN RTN RTN
STUA60-DXX
Vo2 Vo1 Vo1 COM COM N/C
STUA60-D15
N/C Vo1 Vo1 COM COM Vo3
STUA60-TXX
Vo2 Vo1 Vo1 COM COM Vo3
STUA60-QXX Vo2 Vo1 Vo1 COM COM Vo3 Vo4 Vo4
Note: Vo1: Output#1 Vo2: Output#2 Vo3: Output#3 Vo4:Output#4
Note:
1.
Dimensions are shown in inches or mm.
2.
Weight: 250gs approx.
3.
Input connector mates with Molex housing 09-50-3051 and
Molex 2478 series crimp terminal.
4.
Output connector mates with Molex housing 09-50-3061 (or
09-50-3081) and Molex 2478 series crimp terminal


Número de pieza similar - STUA60-Q02-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vitec Power
STUA60-Q02-3 Vitec-STUA60-Q02-3 Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
More results

Descripción similar - STUA60-Q02-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vitec Power
STUA60 Vitec-STUA60 Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA61 Vitec-STUA61 Datasheet
464Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA61-SERIES Vitec-STUA61-SERIES Datasheet
464Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
SIUA60-SERIES Vitec-SIUA60-SERIES Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA61-SERIES Vitec-SIUA61-SERIES Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
STUA120 Vitec-STUA120 Datasheet
435Kb / 2P
   120W U-Bracket Power Supply for I.T. Equipment
STUA100 Vitec-STUA100 Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA101 Vitec-STUA101 Datasheet
433Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA100-SERIES Vitec-STUA100-SERIES Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
SMUA60 Vitec-SMUA60 Datasheet
424Kb / 2P
   63W U-Bracket Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com