Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

744383230068 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza 744383230068
Descripción Electrónicos  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

744383230068 Datasheet(HTML) 2 Page - Texas Instruments

  744383230068 Datasheet HTML 1Page - Texas Instruments 744383230068 Datasheet HTML 2Page - Texas Instruments 744383230068 Datasheet HTML 3Page - Texas Instruments 744383230068 Datasheet HTML 4Page - Texas Instruments 744383230068 Datasheet HTML 5Page - Texas Instruments 744383230068 Datasheet HTML 6Page - Texas Instruments 744383230068 Datasheet HTML 7Page - Texas Instruments 744383230068 Datasheet HTML 8Page - Texas Instruments 744383230068 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 157 page
background image
VR4, 1.2V
FET
FET
VR3, 3.3V
FET
FET
VR5, 5V
FET
FET
VR2, 1.8V
VR1, 1V
FET
FET
LDO1, 0.6V
LOAD
SWITCH
LOAD
SWITCH
SKYLAKE/
PLATFORM
LOAD
SWITCH
LOAD
SWITCH
LOAD
SWITCH
LOAD
SWITCH
RTC, 3.1V
+
-
VBATA
TPS650830 PMIC
I2C
I/O
+
-
BAT2
BAT1
ADAPTOR
+
-
FET
FET
FET FET
CHARGER
FET
FET
FET
NVDC
Non-NVDC
Copyright © 2016, Texas Instruments Incorporated
KABYLAKE
2
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Device Overview
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
For more information, see Section 11, Mechanical Packaging and Orderable Information.
For the Skylake and Kabylake Power Map implementation, the five PMIC voltage regulators and LDO1 are
assigned with the low-voltage rails merged or split according to the configuration. For the Volume (merged
low voltage rails) configuration six external load switches are controlled and monitored by using six
powergood comparator logic blocs.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS650830
NFBGA (168)
7.00 mm x 7.00 mm
NFBGA (159)
9.00 mm x 9.00 mm
1.4
Simplified System Diagram
Figure 1-1. Simplified System Diagram


Número de pieza similar - 744383230068

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744383230068 WURTH-744383230068 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
More results

Descripción similar - 744383230068

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS650932 TI1-TPS650932 Datasheet
1Mb / 121P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMIC for Computing
logo
Active-Semi, Inc
ACT5830 ACTIVE-SEMI-ACT5830_11 Datasheet
774Kb / 41P
   Twelve Channel PMU for Mobile Phones
Rev 2, 20-Jan-11
ACT5830 ACTIVE-SEMI-ACT5830_08 Datasheet
713Kb / 41P
   Twelve Channel PMU for Mobile Phones
Rev PrB, 05-Mar-08
ACT5810 ACTIVE-SEMI-ACT5810 Datasheet
130Kb / 2P
   Nine Channel PMU for Mobile Phones
28-Aug-07
logo
Ultralife Corporation.
UKT0037 ULTRALIFE-UKT0037 Datasheet
257Kb / 1P
   Wide input voltage for global use
Rev: B
logo
Analog Devices
5B40 AD-5B40_15 Datasheet
696Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B41 AD-5B41_15 Datasheet
696Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B40 AD-5B40 Datasheet
695Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
logo
STMicroelectronics
STEVAL-ISA118V1 STMICROELECTRONICS-STEVAL-ISA118V1 Datasheet
107Kb / 5P
   Offline converter for wide range input voltage
January 2013 Rev 1
logo
Advantech Co., Ltd.
AIM-P708 ADVANTECH-AIM-P708 Datasheet
311Kb / 1P
   Simple cradle for AIM-37 Mobile POS
8-Aug-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com