Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK5MFU3C1A-E Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza STK5MFU3C1A-E
Descripción Electrónicos  2-in-1 PFC and Inverter Intelligent Power Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5MFU3C1A-E Datasheet(HTML) 1 Page - ON Semiconductor

  STK5MFU3C1A-E Datasheet HTML 1Page - ON Semiconductor STK5MFU3C1A-E Datasheet HTML 2Page - ON Semiconductor STK5MFU3C1A-E Datasheet HTML 3Page - ON Semiconductor STK5MFU3C1A-E Datasheet HTML 4Page - ON Semiconductor STK5MFU3C1A-E Datasheet HTML 5Page - ON Semiconductor STK5MFU3C1A-E Datasheet HTML 6Page - ON Semiconductor STK5MFU3C1A-E Datasheet HTML 7Page - ON Semiconductor STK5MFU3C1A-E Datasheet HTML 8Page - ON Semiconductor STK5MFU3C1A-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2016
1
Publication Order Number :
September 2016 - Rev. 0
STK5MFU3C1A-E/D
STK5MFU3C1A-E
2-in-1 PFC and Inverter Intelligent
Power Module (IPM), 600 V, 30 A
The STK5MFU3C1A-E is a fully-integrated PFC and inverter power
stage consisting of a high-voltage driver, six motor drive IGBT’s, one
PFC IGBT, one PFC rectifier and a thermistor, suitable for driving
permanent magnet synchronous (PMSM) motors, brushless-DC (BLDC)
motors and AC asynchronous motors.
The IGBT’s are configured in a 3-phase bridge with common emitter
connections for the lower legs.
An internal comparator and reference connected to the over-current
protection circuit allows the designer to set individual over-current
protection levels for the PFC and the inverter stages. Additionally, the
power stage has a full range of protection functions including cross-
conduction protection, external shutdown and under-voltage lockout
functions.
Features
Simple thermal design with PFC and inverter stage in one package.
PFC operating frequency up to 40 kHz
Cross-conduction protection
Adjustable over-current protection level
Integrated bootstrap diodes and resistors
Certification
UL1557 (File Number : E339285)
Typical Applications
Heat Pumps
Home Appliances
Industrial Fans
Industrial Pumps
Figure 1. Functional Diagram
www.onsemi.com
PACKAGE PICTURE
SIP28 78x31.1
MARKING DIAGRAM
STK5MFU3C1A = Specific Device Code
A = Year
B = Month
C = Production Site
DD = Factory Lot Code
Device marking is on package top side
ORDERING INFORMATION
Device
Package
Shipping
(Qty / Packing)
STK5MFU3C1A-E
SIP28 78x31.1
(Pb-Free)
280 / Box
Three channel
half-bridge
driver
+
single-ended
PFC driver
with
protection
circuits
LINW
HINW
LINV
HINV
LINU
HINU
LS3
HS3
LS2
HS2
LS1
HS1
HS1
HS2
HS3
LS1
LS2
LS3
PFCIN
GND
28
STK5MFU3C1A
ABCDD
26
24
22
20
18
16
12
6
39
27
25
23
21
19
17
15
13
10
7
4
1


Número de pieza similar - STK5MFU3C1A-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STK500 ETC1-STK500 Datasheet
2Mb / 61P
   User Guide
logo
ATMEL Corporation
STK500 ATMEL-STK500 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
logo
SHENZHEN DOINGTER SEMIC...
STK5006P DOINGTER-STK5006P Datasheet
1Mb / 3P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STK5006P VBSEMI-STK5006P Datasheet
2Mb / 9P
   N-Channel 60 V (D-S) MOSFET
logo
ATMEL Corporation
STK501 ATMEL-STK501 Datasheet
1Mb / 29P
   STK500 Compatible
More results

Descripción similar - STK5MFU3C1A-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
STK5DFU340D-E ONSEMI-STK5DFU340D-E Datasheet
1Mb / 15P
   2-in-1 PFC and Inverter Intelligent Power Module (IPM)
September 2016 ??P4
STK5DFU350D-E ONSEMI-STK5DFU350D-E Datasheet
1Mb / 15P
   2-in-1 PFC and Inverter Intelligent Power Module (IPM)
September 2016 - P3
NFCS1060L3TT ONSEMI-NFCS1060L3TT Datasheet
494Kb / 17P
   2-in-1 PFC and Inverter Intelligent Power Module (IPM), 600 V, 10 A
April, 2019 ??Rev. 0
logo
TriQuint Semiconductor
TQM7M6025 TRIQUINT-TQM7M6025_15 Datasheet
201Kb / 1P
   2-in-1 Power Amplifier Module
logo
Infineon Technologies A...
IFCM15S60GD INFINEON-IFCM15S60GD Datasheet
1Mb / 18P
   Dual In-Line PFC integrated Intelligent Power Module 3?-bridge 600V/15A, Single phase PFC 650V/30A
V 2.2 2017-09-06
IFCM15P60GD INFINEON-IFCM15P60GD Datasheet
1Mb / 18P
   Dual In-Line PFC integrated Intelligent Power Module 3?-bridge 600V/15A, Single phase PFC 650V/30A
V 2.2 2017-09-06
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
   Intelligent Power Intelligent Power Module
logo
Vincotech
10-0B06PPA004RC-L022A09 VINCOTECH-10-0B06PPA004RC-L022A09 Datasheet
2Mb / 24P
   CONVERTER, PFC, inverter in one housing
logo
ON Semiconductor
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com