Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK5Q4U340J-E Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza STK5Q4U340J-E
Descripción Electrónicos  Intelligent Power Module (IPM)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5Q4U340J-E Datasheet(HTML) 1 Page - ON Semiconductor

  STK5Q4U340J-E Datasheet HTML 1Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 2Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 3Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 4Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 5Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 6Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 7Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 8Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2016
1
Publication Order Number :
October 2016 - Rev. P3
STK5Q4U340J-E/D
This document contains information on a new product. Specifications and information
herein are subject to change without notice.
STK5Q4U340J-E
Advance Information
Intelligent Power Module (IPM)
600 V, 5 A
The STK5Q4U340J-E is a fully-integrated inverter power stage
consisting of a high-voltage driver, six IGBT’s and a thermistor, suitable
for driving permanent magnet synchronous (PMSM) motors, brushless-
DC (BLDC) motors and AC asynchronous motors. The IGBT’s are
configured in a 3-phase bridge with separate emitter connections for the
lower legs for maximum flexibility in the choice of control algorithm.
The power stage has a full range of protection functions including cross-
conduction protection, external shutdown and under-voltage lockout
functions. An internal comparator and reference connected to the over-
current protection circuit allows the designer to set the over-current
protection level.
Features
Three-phase 5 A / 600 V IGBT module with integrated drivers
Typical values : VCE(sat) = 1.8 V, VF = 1.8 V, ESW = 270 J
Compact 29.6 mm  18.2 mm dual in-line package
Cross-conduction protection
Adjustable over-current protection level
Integrated bootstrap diodes and resistors
Enable pin
Thermistor
Typical Applications
Industrial Pumps
Industrial Fans
Industrial Automation
Home Appliances
Figure 1. Functional Diagram
www.onsemi.com
PACKAGE PICTURE
MODULE SPCM24 29.6x18.2 DIP S3
MARKING DIAGRAM
STK5Q4U340J = Specific Device Code
A = Year
B = Month
C = Production Site
DD = Factory Lot Code
Device marking is on package underside
ORDERING INFORMATION
Device
Package
Shipping
(Qty / Packing)
STK5Q4U340J-E
MODULE SPCM24
29.6x18.2 DIP S3
(Pb-Free)
16 / Tube


Número de pieza similar - STK5Q4U340J-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
STK5Q4U352J ONSEMI-STK5Q4U352J Datasheet
646Kb / 15P
   Intelligent Power Module (IPM) 600 V, 8 A
October 2016 - Rev. P3
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
646Kb / 15P
   Intelligent Power Module (IPM) 600 V, 8 A
October 2016 - Rev. P3
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
More results

Descripción similar - STK5Q4U340J-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P4
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com