Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSB41BA3A Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TSB41BA3A
Descripción Electrónicos  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3A Datasheet(HTML) 5 Page - Texas Instruments

  TSB41BA3A_16 Datasheet HTML 1Page - Texas Instruments TSB41BA3A_16 Datasheet HTML 2Page - Texas Instruments TSB41BA3A_16 Datasheet HTML 3Page - Texas Instruments TSB41BA3A_16 Datasheet HTML 4Page - Texas Instruments TSB41BA3A_16 Datasheet HTML 5Page - Texas Instruments TSB41BA3A_16 Datasheet HTML 6Page - Texas Instruments TSB41BA3A_16 Datasheet HTML 7Page - Texas Instruments TSB41BA3A_16 Datasheet HTML 8Page - Texas Instruments TSB41BA3A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.ti.com
TSB41BA3A
SLLA224A – JUNE 2006 – REVISED OCTOBER 2006
The PHY uses the S5_LKON terminal to notify the LLC to power up and become active. When activated, the
output S5_LKON signal is a square wave. The PHY activates the S5_LKON output when the LLC is inactive and
a wake-up event occurs. The LLC is considered inactive when either the LPS input is inactive, as previously
described, or the LCtrl bit is cleared to 0. A wake-up event occurs when a link-on PHY packet addressed to this
node is received, or conditionally when a PHY interrupt occurs. The PHY deasserts the S5_LKON output when
the LLC becomes active (both LPS sensed as active and the LCtrl bit set to 1). The PHY also deasserts the
S5_LKON output when a bus reset occurs, unless a PHY interrupt condition exists which would otherwise cause
S5_LKON to be active. If the PHY is power-cycled and the power class is 0 through 4, then the PHY asserts
S5_LKON for approximately 167
µs or until both the LPS is active and the LCtrl bit is 1.
NOTE:
This product is for high-volume applications only. For a complete datasheet or more
information contact support@ti.com.
5
Submit Documentation Feedback


Número de pieza similar - TSB41BA3A_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSB41BA3A-EP TI1-TSB41BA3A-EP Datasheet
799Kb / 68P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3AIGGM TI-TSB41BA3AIGGM Datasheet
895Kb / 66P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3AIPFP TI-TSB41BA3AIPFP Datasheet
895Kb / 66P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Descripción similar - TSB41BA3A_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
[Old version datasheet]   IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com