Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS8182 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza CS8182
Descripción Electrónicos  Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8182 Datasheet(HTML) 1 Page - ON Semiconductor

  CS8182_16 Datasheet HTML 1Page - ON Semiconductor CS8182_16 Datasheet HTML 2Page - ON Semiconductor CS8182_16 Datasheet HTML 3Page - ON Semiconductor CS8182_16 Datasheet HTML 4Page - ON Semiconductor CS8182_16 Datasheet HTML 5Page - ON Semiconductor CS8182_16 Datasheet HTML 6Page - ON Semiconductor CS8182_16 Datasheet HTML 7Page - ON Semiconductor CS8182_16 Datasheet HTML 8Page - ON Semiconductor CS8182_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2016
June, 2016 − Rev. 28
1
Publication Order Number:
CS8182/D
CS8182
Micropower 200 mA
Low Dropout Tracking
Regulator/Line Driver
The CS8182 is a monolithic integrated low dropout tracking
regulator designed to provides an adjustable buffered output voltage
that closely tracks (
±10 mV) the reference input. The output delivers
up to 200 mA while being able to be configured higher, lower or equal
to the reference voltages.
The device has been designed to operate over a wide range (2.8 V to
45 V) while still maintaining excellent DC characteristics. The
CS8182 is protected from reverse battery, short circuit and thermal
runaway conditions. The device also can withstand 45 V load dump
transients and −50 V reverse polarity input voltage transients. This
makes it suitable for use in automotive environments.
The VREF/ENABLE lead serves two purposes. It is used to provide
the input voltage as a reference for the output and it also can be pulled
low to place the device in sleep mode where it nominally draws 30
mA
from the supply.
Features
200 mA Source Capability
Output Tracks within ±10 mV Worst Case
Low Dropout (0.35 V Typ. @ 200 mA)
Low Quiescent Current
Thermal Shutdown
Short Circuit Protection
Wide Operating Range
Internally Fused Leads in SO−8 Package
For Automotive and Other Applications Requiring Site and Change
Control
These are Pb−Free Devices
Current Limit &
SAT Sense
+
ENABLE
+
Thermal
Shutdown
2.0 V
VOUT
Adj
VREF/ENABLE
GND
VIN
Figure 1. Block Diagram
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Device
PIN CONNECTIONS AND
MARKING DIAGRAMS
SO−8
DF SUFFIX
CASE 751
D2PAK−5
DPS SUFFIX
CASE 936AC
VIN
VOUT
GND
GND
Adj
GND
GND
VREF/ENABLE
CS
8182
AWLYWWG
1
Tab GND
Pin 1. VIN
2. VOUT
3. GND
4. Adj
5. VREF
1
5
1
8
18
DPAK−5
DT SUFFIX
CASE 175AA
8182G
ALYWW
15
1
5
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
www.onsemi.com


Número de pieza similar - CS8182_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS8182DTG ONSEMI-CS8182DTG Datasheet
154Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
CS8182DTRKG ONSEMI-CS8182DTRKG Datasheet
154Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
CS8182YDF8 ONSEMI-CS8182YDF8 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
CS8182YDF8G ONSEMI-CS8182YDF8G Datasheet
154Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
CS8182YDFR8 ONSEMI-CS8182YDFR8 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
More results

Descripción similar - CS8182_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS8182 ONSEMI-CS8182_09 Datasheet
154Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
CS8182 ONSEMI-CS8182 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
NCV8182C ONSEMI-NCV8182C Datasheet
244Kb / 12P
   Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1
CS8183 ONSEMI-CS8183 Datasheet
88Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
March, 2004 ??Rev. 15
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
NCV8184 ONSEMI-NCV8184_12 Datasheet
419Kb / 20P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
NCV8184 ONSEMI-NCV8184_06 Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com