Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4816DY-T1 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI4816DY-T1
Descripción Electrónicos  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4816DY-T1 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4816DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI4816DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI4816DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI4816DY-T1 Datasheet HTML 4Page - Vishay Siliconix SI4816DY-T1 Datasheet HTML 5Page - Vishay Siliconix SI4816DY-T1 Datasheet HTML 6Page - Vishay Siliconix SI4816DY-T1 Datasheet HTML 7Page - Vishay Siliconix SI4816DY-T1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
G2
S2
N-Channel 2
MOSFET
Schottky Diode
A
G1
D1
N-Channel 1
MOSFET
S1/D2
FEATURES
D LITTLE FOOTr Plus Power MOSFET
D 100% Rg Tested
Si4816DY
Vishay Siliconix
Document Number: 71121
S-41697—Rev. E, 20-Sep-04
www.vishay.com
1
Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
Channel-1
0.022 @ VGS =10 V
6.3
Channel-1
30
0.030 @ VGS =4.5 V
5.4
Channel 2
30
0.013 @ VGS =10 V
10
Channel-2
0.0185 @ VGS =4.5 V
8.6
SCHOTTKY PRODUCT SUMMARY
VDS (V)
VSD (V)
Diode Forward Voltage
IF (A)
30
0.50 V @ 1.0 A
2.0
G1
D1
A/S2
D2/S1
A/S2
D2/S1
G2
D2/S1
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information:
Si4816DY
Si4816DY-T1 (with Tape and Reel)
Si4816DY—E3 (Lead (Pb)-Free)
Si4816DY-T1—E3 (Lead (Pb)-Free with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA =25_C UNLESS OTHERWISE NOTED)
Channel-1
Channel-2
Parameter
Symbol
10 secs
Steady State
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
20
V
Continuous Drain Current (TJ = 150_C)a
TA =25_C
ID
6.3
5.3
10
7.7
Continuous Drain Current (TJ = 150_C)a
TA =70_C
ID
5.4
4.2
8.2
6.2
Pulsed Drain Current
IDM
30
40
A
Continuous Source Current (Diode Conduction)a
IS
1.3
0.9
2.2
1.15
Avalanche Currentb
L = 0 1 mH
IAS
12
25
Single Pulse Avalanche Energyb
L= 0.1mH
EAS
7.2
31.25
mJ
Maximum Power Dissipationa
TA =25_C
PD
1.4
1.0
2.4
1.25
W
Maximum Power Dissipationa
TA =70_C
PD
0.9
0.64
1.5
0.8
W
Operating Junction and Storage Temperature Range
TJ,Tstg
--55 to 150
_C
THERMAL RESISTANCE RATINGS
Channel-1
Channel-2
Schottky
Parameter
Symbol
Typ
Max
Typ
Max
Typ
Max
Unit
Maximum Junction to Ambienta
t
≤ 10 sec
R
72
90
43
53
48
60
Maximum Junction-to-Ambienta
Steady-State
RthJA
100
125
82
100
80
100
_C/W
Maximum Junction-to-Foot (Drain)
Steady-State
RthJC
51
63
25
30
28
35
C/
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Starting date code W46BAA.


Número de pieza similar - SI4816DY-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4816DY VISHAY-SI4816DY Datasheet
143Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4816DY VISHAY-SI4816DY_V01 Datasheet
143Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results

Descripción similar - SI4816DY-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com