Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9112DY Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI9112DY
Descripción Electrónicos  High-Voltage Switchmode Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9112DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9112DY Datasheet HTML 1Page - Vishay Siliconix SI9112DY Datasheet HTML 2Page - Vishay Siliconix SI9112DY Datasheet HTML 3Page - Vishay Siliconix SI9112DY Datasheet HTML 4Page - Vishay Siliconix SI9112DY Datasheet HTML 5Page - Vishay Siliconix SI9112DY Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si9112
Vishay Siliconix
www.vishay.com
2
sDocument Number: 70005
S-42036—Rev. H, 15-Nov-04
ABSOLUTE MAXIMUM RATINGS
Voltages Referenced to −VIN (VCC < +VIN + 0.3 V)
VCC
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+VIN
80 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Logic Inputs
(RESET, SHUTDOWN, OSC IN)
−0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . .
Linear Inputs (FEEDBACK, SENSE)
−0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . .
HV Pre-Regulator Input Current (continuous)
25 mA
. . . . . . . . . . . . . . . . . . . .
(Power Dissipation Limited)
Storage Temperature
−65 to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature
−40 to 85_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature (TJ)
150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Package)a
14-Pin Plastic DIP (J Suffix)b
750 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
14-Pin SOIC (Y Suffix)c
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Impedance (QJA)
14-Pin Plastic DIP
167_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
14-Pin SOIC
140_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 6 mW/_C above 25_C.
c.
Derate 7.2 mW/_C above 25_C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE
Voltages Referenced to −VIN
VCC
9 V to 13.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+VIN
9 V to 80 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
fOSC
40 kHz to 1 MHz
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ROSC
25 kW to 1 MW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Linear Inputs
0 to VCC − 3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputs
0 to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SPECIFICATIONSa
Test Conditions
Unless Otherwise Specified
DISCHARGE = −VIN = 0 V
Limits
D Suffix −40 to 85_C
Parameter
Symbol
DISCHARGE = −VIN = 0 V
VCC = 9 V, +VIN = 12 V
RBIAS = 270 kW, ROSC = 330 kW
Tempb
Mind
Typc
Maxe
Unit
Reference
Output Voltage
VR
OSC IN = − VIN (OSC Disabled)
RL = 10 MW
Room
Fulle
3.88
3.82
4.0
4.12
4.14
V
Output Impedancee
ZOUT
Room
15
30
45
kW
Short Circuit Current
ISREF
VREF = −VIN
Room
70
100
130
mA
Temperature Stabilitye
TREF
Full
0.5
1.0
mV/_C
Oscillator
Maximum Frequencye
fMAX
ROSC = 0
Room
1
3
MHz
Initial Accuracy
fOSC
ROSC = 330 k, See Note f
Room
80
100
120
kHz
Initial Accuracy
fOSC
ROSC = 150 k, See Note f
Room
160
200
240
kHz
Voltage Stability
Df/f
Df/f = f(13.5 V) − f(9.5 V) / f(9.5 V)
Room
9
15
%
Temperature Coefficiente
TOSC
Full
200
500
ppm/_C
Error Amplifier
Feedback Input Voltage
VFB
FB Tied to COMP
OSC IN = − VIN (OSC Disabled)
Room
3.92
4.00
4.08
V
Input Offset Voltage
VOS
OSC IN = − VIN (OSC Disabled)
Room
"15
"40
mV
Input BIAS Current
IFB
OSC IN = − VIN, VFB = 4 V
Room
25
500
nA
Open Loop Voltage Gaine
AVOL
OSC IN = − VIN
Room
60
80
dB
Unity Gain Bandwidthe
BW
OSC IN = − VIN (OSC Disabled)
Room
1
1.5
MHz
Dynamic Output Impedancee
ZOUT
Error Amp Configured for 60 dB gain
Room
1000
2000
W
Output Current
IOUT
Source VFB = 3.4 V
Room
−2.0
−1.4
mA
Output Current
IOUT
Sink VFB = 4.5 V
Room
0.12
0.15
mA
Power Supply Rejectione
PSRR
9 V v VCC v 13.5 V
Room
50
70
dB


Número de pieza similar - SI9112DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9112 VISHAY-SI9112 Datasheet
161Kb / 9P
   High-Voltage Switchmode Controller
01-Jan-2022
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
   High-Voltage Switchmode Controller
01-Jan-2022
More results

Descripción similar - SI9112DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
   High-Voltage Switchmode Controller
01-Jan-2022
SI9145 VISHAY-SI9145_V01 Datasheet
214Kb / 14P
   Low-Voltage Switchmode Controller
01-Jan-2022
SI9145 VISHAY-SI9145 Datasheet
74Kb / 10P
   Low-Voltage Switchmode Controller
Rev. K, 19-Apr-04
SI9114A VISHAY-SI9114A Datasheet
80Kb / 5P
   High-Frequency Switchmode Controller
Rev. E, 15-Nov-04
SI9114A VISHAY-SI9114A_V01 Datasheet
169Kb / 8P
   High-Frequency Switchmode Controller
01-Jan-2022
logo
Teledyne Technologies I...
TSC9110 TELEDYNE-TSC9110 Datasheet
457Kb / 7P
   high-voltage switchmode controllers
logo
Vishay Siliconix
SI9110 VISHAY-SI9110_V01 Datasheet
170Kb / 10P
   High-Voltage Switchmode Controllers
01-Jan-2022
SI9110 VISHAY-SI9110 Datasheet
107Kb / 8P
   High-Voltage Switchmode Controllers
Rev. H, 15-Nov-04
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
   High-Voltage Switchmode Regulator
Rev. B, 16-Apr-01
SI9110 VISHAY-SI9110_11 Datasheet
167Kb / 9P
   High-Voltage Switchmode Controllers
Rev. I, 16-May-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com