Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM339DG Datasheet(PDF) 7 Page - ON Semiconductor |
|
LM339DG Datasheet(HTML) 7 Page - ON Semiconductor |
7 / 11 page LM339, LM339E, LM239, LM2901, LM2901E, LM2901V, NCV2901, MC3302 www.onsemi.com 7 ORDERING INFORMATION Device Package Shipping† LM239DG SOIC−14 (Pb−Free) 55 Units/Tube LM239DR2G SOIC−14 (Pb−Free) 2500 / Tape & Reel LM239DTBR2G TSSOP−14 (Pb−Free) 2500 / Tape & Reel LM239NG PDIP−14 (Pb−Free) 25 Units/Rail LM339DG SOIC−14 (Pb−Free) 55 Units/Tube LM339DR2G SOIC−14 (Pb−Free) 2500 / Tape & Reel LM339EDR2G SOIC−14 (Pb−Free) 2500 / Tape & Reel LM339DTBR2G TSSOP−14 (Pb−Free) 2500 / Tape & Reel LM339NG PDIP−14 (Pb−Free) 25 Units/Rail LM2901DG SOIC−14 (Pb−Free) 55 Units/Rail LM2901DR2G SOIC−14 (Pb−Free) 2500 / Tape & Reel LM2901EDR2G SOIC−14 (Pb−Free) 2500 / Tape & Reel LM2901DTBR2G TSSOP−14 (Pb−Free) 2500 / Tape & Reel LM2901NG PDIP−14 (Pb−Free) 25 Units/Rail LM2901VDG SOIC−14 (Pb−Free) 55 Units/Tube LM2901VDR2G SOIC−14 (Pb−Free) 2500 / Tape & Reel LM2901VDTBR2G TSSOP−14 (Pb−Free) 2500 / Tape & Reel LM2901VNG PDIP−14 (Pb−Free) 25 Units/Rail NCV2901DR2G* SOIC−14 (Pb−Free) 2500 / Tape & Reel NCV2901DTBR2G* TSSOP−14 (Pb−Free) 2500 / Tape & Reel NCV2901CTR* Bare Die 6000 / Tape & Reel MC3302DG SOIC−14 (Pb−Free) 55 Units/Tube MC3302DR2G SOIC−14 (Pb−Free) 2500 / Tape & Reel MC3302DTBR2G TSSOP−14 (Pb−Free) 2500 / Tape & Reel MC3302PG PDIP−14 (Pb−Free) 25 Units/Rail †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable. |
Número de pieza similar - LM339DG |
|
Descripción similar - LM339DG |