Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM324FV-E2 Datasheet(PDF) 11 Page - Rohm

No. de pieza LM324FV-E2
Descripción Electrónicos  Ground Sense Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

LM324FV-E2 Datasheet(HTML) 11 Page - Rohm

Back Button LM324FV-E2 Datasheet HTML 7Page - Rohm LM324FV-E2 Datasheet HTML 8Page - Rohm LM324FV-E2 Datasheet HTML 9Page - Rohm LM324FV-E2 Datasheet HTML 10Page - Rohm LM324FV-E2 Datasheet HTML 11Page - Rohm LM324FV-E2 Datasheet HTML 12Page - Rohm LM324FV-E2 Datasheet HTML 13Page - Rohm LM324FV-E2 Datasheet HTML 14Page - Rohm LM324FV-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200190-1-2
©2015 ROHM Co., Ltd. All rights reserved.
11/44
01.Aug.2016 Rev.005
TSZ22111・15・001
LM358xxx
LM324xxx
LM2904xxx
LM2902xxx
Typical Performance Curves - continued
○LM358xxx, LM2904xxx
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100 125 150
Ambient Temperature [°C]
Figure 17. Input Bias Current vs Ambient
Temperature (VCC=30V, VICM=28V, EK=-1.4V)
-10
-8
-6
-4
-2
0
2
4
6
8
10
-50
-25
0
255075
100 125 150
Ambient Temperature [°C]
Figure 20. Input Offset Current vs Ambient
Temperature (VICM=VCC/2, EK=-VCC/2)
5V
36V
3V
(*) The above data are measurement value of typical sample, they are not guaranteed.
LM358xxx: -40°C to +85°C
LM2904xxx: -40°C to 125°C
-4
-3
-2
-1
0
1
2
3
4
-1
01
23
45
Common-mode Input Voltage [V]
Figure 18. Input Offset Voltage vs
Common-mode Input Voltage (VCC=5V)
-40°C
25°C
85°C
125°C
-10
-8
-6
-4
-2
0
2
4
6
8
10
0
10203040
Supply Voltage [V]
Figure 19. Input Offset Current vs Supply
Voltage (VICM=VCC/2, EK=-VCC/2)
-40°C
25°C
85°C
125°C


Número de pieza similar - LM324FV-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
LM324F PHILIPS-LM324F Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
More results

Descripción similar - LM324FV-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com