Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2904F-E2 Datasheet(PDF) 3 Page - Rohm

No. de pieza LM2904F-E2
Descripción Electrónicos  Ground Sense Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

LM2904F-E2 Datasheet(HTML) 3 Page - Rohm

  LM2904F-E2 Datasheet HTML 1Page - Rohm LM2904F-E2 Datasheet HTML 2Page - Rohm LM2904F-E2 Datasheet HTML 3Page - Rohm LM2904F-E2 Datasheet HTML 4Page - Rohm LM2904F-E2 Datasheet HTML 5Page - Rohm LM2904F-E2 Datasheet HTML 6Page - Rohm LM2904F-E2 Datasheet HTML 7Page - Rohm LM2904F-E2 Datasheet HTML 8Page - Rohm LM2904F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200190-1-2
©2015 ROHM Co., Ltd. All rights reserved.
3/44
01.Aug.2016 Rev.005
TSZ22111・15・001
LM358xxx
LM324xxx
LM2904xxx
LM2902xxx
Electrical Characteristics
LM358xxx, LM2904xxx (Unless otherwise specified VCC=+5V, VEE=0V)
Parameter
Symbol Temperature
Range
Limits
Unit
Condition
Min
Typ
Max
Input Offset Voltage(Note 12,13)
VIO
25°C
-
1
4.5
mV
VOUT=1.4V
Full Range
-
-
5
VCC=5 to 30V, VOUT=1.4V
Input Offset Voltage Drift(Note 12)
∆VIO/∆T
-
-
6
-
μV/°C VOUT=1.4V
Input Offset Current(Note 12,13)
IIO
25°C
-
2
50
nA
VOUT=1.4V
Full Range
-
-
200
Input Bias Current(Note 12,13)
IB
25°C
-
20
250
nA
VOUT=1.4V
Full Range
-
-
300
Supply Current(Note 13)
ICC
25°C
-
0.6
1.2
mA
RL=∞, All Op-Amps
Full Range
-
-
1.5
Maximum Output Voltage (High)(Note 13)
VOH
25°C
3.5
-
-
V
RL=2kΩ
Full Range
27
28
-
VCC=30V, RL=10kΩ
Maximum Output Voltage (Low)(Note 13)
VOL
Full Range
-
5
20
mV
RL=∞
Large Signal Voltage Gain
AV
25°C
25
100
-
V/mV R
L
2kΩ, VCC=15V
VOUT=1.4 to 11.4V
88
100
-
dB
Input Common-mode Voltage Range
VICM
25°C
0
-
3.5
V
VICM=VEE to (VCC-1.5V)
VOUT=1.4V
Input Common-mode Voltage Range
(VEE side) (Note 14)
VICM
Full Range
-
0.1
-
V
VOUT=1.4V
Common-mode Rejection Ratio
CMRR
25°C
70
80
-
dB
VOUT=1.4V
Power Supply Rejection Ratio
PSRR
25°C
65
100
-
dB
VCC=5 to 30V
Output Source Current(Note 13,15)
ISOURCE
25°C
20
30
-
mA
V+IN=1V, V-IN=0V
VOUT=0V, Short Current
Full Range
10
-
-
Output Sink Current(Note 13,15)
ISINK
25°C
20
27
-
mA
V+IN=0V, V-IN=1V
VOUT=5V, Short Current
Full Range
5
-
-
25°C
20
50
-
μA
V+IN=0V, V-IN=1V
VOUT=200mV
Channel Separation
CS
25°C
-
120
-
dB
f=1kHz, Input Referred
Slew Rate
SR
25°C
-
0.3
-
V/μs
VCC=15V, Av=0dB
RL=2kΩ, CL=100pF
Gain Bandwidth
GBW
25°C
-
0.8
-
MHz V
CC
=15V, VEE=-15V
RL=2kΩ, CL=100pF
Phase Margin
θ
25°C
-
80
-
deg
Av=40dB
Input Referred Noise Voltage
VN
25°C
-
40
-
Hz
nV/
VCC=15V, VEE=-15V
RS=100Ω, VIN=0V, f=1kHz
(Note 12) Absolute value
(Note 13) LM358xxx Full Range: TA=-40
C to +85C, LM2904xxx Full Range: TA=-40C to +125C
(Note 14) LM2904xxx only.
(Note 15) Consider the power dissipation of the IC under high temperature when selecting the output current value.
There may be a case where the output current value is reduced due to the rise in IC temperature caused by the heat generated inside the IC.


Número de pieza similar - LM2904F-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2904 TI-LM2904 Datasheet
3Mb / 39P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2021
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Texas Instruments
LM2904 TI-LM2904 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
Guangdong Kexin Industr...
LM2904 KEXIN-LM2904 Datasheet
280Kb / 4P
   Single-Supply Dual Operating Comparators
logo
Texas Instruments
LM2904 TI-LM2904 Datasheet
4Mb / 64P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
MARCH 2022
More results

Descripción similar - LM2904F-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com