Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX1101A Datasheet(PDF) 11 Page - Keysight Technologies

No. de pieza CX1101A
Descripción Electrónicos  Device Current Waveform Analyzer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEYSIGHT [Keysight Technologies]
Página de inicio  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

CX1101A Datasheet(HTML) 11 Page - Keysight Technologies

Back Button CX1101A Datasheet HTML 7Page - Keysight Technologies CX1101A Datasheet HTML 8Page - Keysight Technologies CX1101A Datasheet HTML 9Page - Keysight Technologies CX1101A Datasheet HTML 10Page - Keysight Technologies CX1101A Datasheet HTML 11Page - Keysight Technologies CX1101A Datasheet HTML 12Page - Keysight Technologies CX1101A Datasheet HTML 13Page - Keysight Technologies CX1101A Datasheet HTML 14Page - Keysight Technologies CX1101A Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11 | Keysight | CX3300 Series Device Current Waveform Analyzer - Data Sheet
CX3300 Series Standard Features and Key Accessories
The mainframe enables both wide bandwidth and low noise current measurements
The CX3300 series never compromises in terms of wide bandwidth or low noise current measurements, and clearly visualizes low-level
current waveforms on its 14.1 inch wide screen. Both an advanced and a familiar graphical user interface with a user friendly touch
screen, allow you to easily undertake measurements and obtain accurate data for analysis from first use. It also provides common
interface connectivity to meet various customer needs.
Analog input channels (1 to 4 for CX3324A, 1 to 2 for CX3322A))
Navigation keys
Single acquisition keys
Multi-purpose keys
Horizontal setting
Trigger setting
Vertical setting
Touch panel switch
14.1” display
with touch panel
Aux Out terminal
SSD slot
VGA video out
and DisplayPort
USB 2.0, USB 3.0
and LAN ports
Trigger in/out
10 MHz
reference in/out
Digital channels
(CX3324A only)
Security cable slot
Figure 22. CX3324A front, rear and side views


Número de pieza similar - CX1101A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Keysight Technologies
CX1102A KEYSIGHT-CX1102A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results

Descripción similar - CX1101A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Keysight Technologies
CX1202A KEYSIGHT-CX1202A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1203A KEYSIGHT-CX1203A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX3322A KEYSIGHT-CX3322A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1152A KEYSIGHT-CX1152A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1151A KEYSIGHT-CX1151A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1201A KEYSIGHT-CX1201A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1204A KEYSIGHT-CX1204A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1205A KEYSIGHT-CX1205A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1102A KEYSIGHT-CX1102A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com