Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA4564WFV-E2 Datasheet(PDF) 1 Page - Rohm

No. de pieza BA4564WFV-E2
Descripción Electrónicos  Low Noise Operational Amplifiers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA4564WFV-E2 Datasheet(HTML) 1 Page - Rohm

  BA4564WFV-E2 Datasheet HTML 1Page - Rohm BA4564WFV-E2 Datasheet HTML 2Page - Rohm BA4564WFV-E2 Datasheet HTML 3Page - Rohm BA4564WFV-E2 Datasheet HTML 4Page - Rohm BA4564WFV-E2 Datasheet HTML 5Page - Rohm BA4564WFV-E2 Datasheet HTML 6Page - Rohm BA4564WFV-E2 Datasheet HTML 7Page - Rohm BA4564WFV-E2 Datasheet HTML 8Page - Rohm BA4564WFV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
www.rohm.com
TSZ02201-0RAR1G200020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
1/48
19.Nov.2014 Rev.003
TSZ22111・14・00
Slew Rate
Maximum Operation Temperature
Operational Amplifiers
Low Noise Operational Amplifiers
BA4560xxx BA4560Rxxx BA4564RFV BA4564WFV
General Description
BA4560xxx for normal grade and BA4560Rxxx,
BA4564RFV, BA4564WFV for high-reliability grade
integrate two or four high voltage gain Op-Amps on a
single chip. Especially, this series is suitable for any
audio applications due to low noise and low distortion
characteristics and they are usable for other many
applications of wide operating supply voltage
range.BA4560Rxxx, BA4564RFV, BA4564WFV are
high-reliability products with extended operating
temperature range.
Features
High Voltage Gain, Low Noise, Low Distortion
Wide Operating Supply Voltage Range
Wide Operating Temperature Range
Packages
W(Typ) x D(Typ) x H(Max)
SOP8
5.00mm x 6.20mm x 1.71mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
MSOP8
2.90mm x 4.00mm x 0.90mm
SOP14
8.70mm x 6.20mm x 1.71mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
Key Specification
Operating Supply Voltage
(Split Supply):±4V to ±15V
Temperature Range:
BA4560xxx
-40°C to +85°C
BA4560Rxxx,BA4564RFV,BA4564WFV
-40°C to +105°C
Slew Rate:
4V/µs(Typ)
Total Harmonic Distortion:
0.003%(Typ)
Input Referred Noise Voltage:
8
Hz
nV/
(Typ)
Offset Voltage:
BA4564WFV
2.5mV(Max)
Selection Guide
Simplified Schematic
Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
+85°C
BA4560F
BA4560FJ
BA4560FV
BA4560FVT
BA4560FVM
Normal
Dual
4V/µs
BA4564RFV
BA4564WFV
BA4560RF
BA4560RFJ
BA4560RFV
BA4560RFVT
BA4560RFVM
+105°C
IN
IN
VOUT
VCC
VEE
Figure 1. Simplified Schematic
Dual
High Reliability
Quad
4V/µs
Slew Rate
4V/µs
Datasheet


Número de pieza similar - BA4564WFV-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA4564WFV-E2 ROHM-BA4564WFV-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
More results

Descripción similar - BA4564WFV-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com