Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC257DB Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74HC257DB
Descripción Electrónicos  Quad 2-input multiplexer 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC257DB Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC257DB Datasheet HTML 1Page - NXP Semiconductors 74HC257DB Datasheet HTML 2Page - NXP Semiconductors 74HC257DB Datasheet HTML 3Page - NXP Semiconductors 74HC257DB Datasheet HTML 4Page - NXP Semiconductors 74HC257DB Datasheet HTML 5Page - NXP Semiconductors 74HC257DB Datasheet HTML 6Page - NXP Semiconductors 74HC257DB Datasheet HTML 7Page - NXP Semiconductors 74HC257DB Datasheet HTML 8Page - NXP Semiconductors 74HC257DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
1998 Sep 30
3
Philips Semiconductors
Product specification
Quad 2-input multiplexer; 3-state
74HC/HCT257
ORDERING INFORMATION
PIN DESCRIPTION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
74HC257N;
74HCT257N
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
74HC257D;
74HCT257D
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
74HC257DB;
74HCT257DB
SSOP16
plastic shrink small outline package; 16 leads; body width 5.3 mm
SOT338-1
74HC257PW;
74HCT257PW
TSSOP16
plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
PIN NO.
SYMBOL
NAME AND FUNCTION
1
S
common data select input
2, 5, 11, 14
1I0 to 4I0
data inputs from source 0
3, 6, 10, 13
1I1 to 4I1
data inputs from source 1
4, 7, 9, 12
1Y to 4Y
3-state multiplexer outputs
8
GND
ground (0 V)
15
OE
3-state output enable input (active LOW)
16
VCC
positive supply voltage
Fig.1 Pin configuration.
fpage
GND
VCC
MLB311
S
OE
1Y
2Y
4Y
3Y
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
257
1I0
1I1
2I0
2I1
4I0
4I1
3I0
3I1
Fig.2 Logic symbol.
fpage
MGA835
S
OE
1Y
2Y
3Y
4Y
2
3
5
6
11
10
14
13
15
1
4
7
9
12
1I0
1I1
2I0
2I1
3I0
3I1
4I0
4I1
Fig.3 IEC logic symbol.


Número de pieza similar - 74HC257DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC257DB NXP-74HC257DB Datasheet
185Kb / 17P
   Quad 2-input multiplexer; 3-state
Rev. 05-13 January 2010
More results

Descripción similar - 74HC257DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
   Quad 2-input multiplexer; 3-state
2000 Apr 03
logo
Nexperia B.V. All right...
74AHCT257 NEXPERIA-74AHCT257 Datasheet
601Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02 - 9 May 2008
logo
NXP Semiconductors
74LV257 PHILIPS-74LV257 Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
   Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
74AHC_AHCT257 PHILIPS-74AHC_AHCT257_15 Datasheet
99Kb / 16P
   Quad 2-input multiplexer; 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74HC257-Q100 NEXPERIA-74HC257-Q100 Datasheet
1Mb / 16P
   Quad 2-input multiplexer; 3-state
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
   Quad 2-input multiplexer; 3-state
74HCT257 NEXPERIA-74HCT257 Datasheet
249Kb / 15P
   Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
logo
NXP Semiconductors
74HC257 NXP-74HC257 Datasheet
185Kb / 17P
   Quad 2-input multiplexer; 3-state
Rev. 05-13 January 2010
74AHC257 NXP-74AHC257_08 Datasheet
99Kb / 16P
   Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com