Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LDU4860S300 Datasheet(PDF) 2 Page - XP Power Limited

No. de pieza LDU4860S300
Descripción Electrónicos  LED Driver LDU Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPPOWER [XP Power Limited]
Página de inicio  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LDU4860S300 Datasheet(HTML) 2 Page - XP Power Limited

  LDU4860S300 Datasheet HTML 1Page - XP Power Limited LDU4860S300 Datasheet HTML 2Page - XP Power Limited LDU4860S300 Datasheet HTML 3Page - XP Power Limited LDU4860S300 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LDU08/24
Mechanical Details
Notes
1. All dimensions are in inches (mm)
2. Weight: LDU08 - 0.006 lbs (2.6 g) approx.
LDU08 (wired version) - 0.02 lbs (11.1 g) approx.
LDU24 - 0.014 lbs (6.2 g) approx.
LDU24 (wired version) - 0.02 lbs (11.1 g) approx.
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Bottom View
7
1
14
8
2
0.80
(20.32)
0.02
(0.50)
0.02
(0.50)
0.20
(5.08)
0.20
(5.08)
0.27
(6.88)
0.12
(3.05)
0.10
(2.54)
0.60
(15.24)
0.40
(10.16)
0.40
(10.16)
Stripped
& tinned
3.94
(100.0)
0.40
(10.16)
0.40
(10.16)
0.55 (14.0)
0.55 (14.0)
0.39
(10.0)
16
21
3.94
(100.0)
8
9
0.92 (23.4)
0.55
(14.0)
1
2
9
16
8
Bottom View
0.02 (0.5)
1
2
9
16
8
0.92 (23.4)
0.55
(14.0)
Bottom View
10.16
(0.40)
3.94
(100.0)
0.39
(10.0)
Stripped
& tinned
16
21
10.16
(0.40)
3.94
(100.0)
89
0.55 (14.0)
0.55 (14.0)
0.02
(0.50)
0.40
(10.16)
0.12
(3.05)
0.55
(14.00)
0.40
(10.16)
DIA.
0.92 (23.4)
0.55
(14.0)
0.11
(2.81)
0.08
(1.92)
0.02
(0.50)
0.02
(0.50)
0.50
(12.70)
0.10
(2.54)
0.08
(1.92)
0.40
(10.16)
0.70
(17.78)
Bottom View
12 3
78
16 15
10 9
LDU08: 14 Pin DIL
Wired Versions (No Dimming Control)
Wired Version with Dimming Control
LDU08
Wired Versions
LDU24 16 Pin DIL
LDU24
Wired Versions
Models and Ratings
Output Power
Input Voltage Range
Output Voltage
Output Current
Efficiency
Model Number
8.0 W
7 - 30 V
2 - 28 V
300 mA
95%
LDU0830S300
8.0 W
7 - 30 V
2 - 28 V
350 mA
95%
LDU0830S350
14.0 W
7 - 30 V
2 - 28 V
500 mA
95%
LDU2430S500
17.0 W
7 - 30 V
2 - 28 V
600 mA
95%
LDU2430S600
20.0 W
7 - 30 V
2 - 28 V
700 mA
95%
LDU2430S700
24.0 W
7 - 30 V
2 - 28 V
1000 mA
95%
LDU2430S1000
Output Power
Input Voltage Range
Output Voltage
Output Current
Efficiency
Model Number
8.0 W
7 - 30 V
2 - 28 V
350 mA
95%
LDU0830S350-W
14.0 W
7 - 30 V
2 - 28 V
500 mA
95%
LDU2430S500-W
20.0 W
7 - 30 V
2 - 28 V
700 mA
95%
LDU2430S700-W
24.0 W
7 - 30 V
2 - 28 V
1000 mA
95%
LDU2430S1000-W
Output Power
Input Voltage Range
Output Voltage
Output Current
Efficiency
Model Number
8.0 W
7 - 30 V
2 - 28 V
350 mA
95%
LDU0830S350-WD
14.0 W
7 - 30 V
2 - 28 V
500 mA
95%
LDU2430S500-WD
20.0 W
7 - 30 V
2 - 28 V
700 mA
95%
LDU2430S700-WD
24.0 W
7 - 30 V
2 - 28 V
1000 mA
95%
LDU2430S1000-WD
LDU Connections
LDU08
LDU08-W LDU08-WD
LDU24
LDU24-W LDU24-WD
Function
1
1 (Black)
1 (Black)
1 & 2
1 (Black)
1 (Black)
-Vin: -DC supply
2
No Wire
2 (White)
3
No Wire
2 (White)
Control
7
8 (Blue)
8 (Blue)
7 & 8
8 (Blue)
8 (Blue)
-Vout: LED cathode connection
8
9 (Yellow)
9 (Yellow)
9 &10
9 (Yellow)
9 (Yellow)
+Vout: LED anode connection
14
16 (Red)
16 (Red)
15 & 16
16 (Red)
16 (Red)
+Vin: +DC supply
Note: LDU08: Do not connect Pin 1 (-Vin) to Pin 7 (-Vout).
LDU24: Do not connect Pins 1 & 2 (-Vin) to Pins 7 & 8 (-Vout).
With Dimming Control


Número de pieza similar - LDU4860S300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
LDU4860S250 XPPOWER-LDU4860S250 Datasheet
339Kb / 4P
   Constant Current Output
More results

Descripción similar - LDU4860S300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
LDU2030S500 XPPOWER-LDU2030S500 Datasheet
114Kb / 2P
   LED Driver LDU20 Series
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610 Datasheet
4Mb / 31P
   High Voltage Series LED Driver
logo
Lite-On Technology Corp...
PE-1360-99DK LITEON-PE-1360-99DK Datasheet
475Kb / 6P
   LED Driver DALI Performance Series
RE-1400-99CK LITEON-RE-1400-99CK Datasheet
470Kb / 6P
   LED Driver DALI Performance Series
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com