Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL13-S Datasheet(PDF) 2 Page - Frontier Electronics.

No. de pieza SL13-S
Descripción Electrónicos  1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FRONTIER [Frontier Electronics.]
Página de inicio  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SL13-S Datasheet(HTML) 2 Page - Frontier Electronics.

  SL13-S Datasheet HTML 1Page - Frontier Electronics. SL13-S Datasheet HTML 2Page - Frontier Electronics. SL13-S Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SL12-S THRU SL14-S SPECIFICATION
Rev. A
Frontier Electronics Corp.
®
Page 2 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
RATINGS AND CHARACTERISTIC CURVES


Número de pieza similar - SL13-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SL13-E3-61T TI1-SL13-E3-61T Datasheet
436Kb / 17P
[Old version datasheet]   A 0.9-A Constant Current Supply with PFC for 100-W LED
logo
Vishay Siliconix
SL13-E3/5AT VISHAY-SL13-E3/5AT Datasheet
340Kb / 4P
   Low VF Surface Mount Schottky Rectifier
Revision: 22-Jan-08
SL13-E3/61T VISHAY-SL13-E3/61T Datasheet
340Kb / 4P
   Low VF Surface Mount Schottky Rectifier
Revision: 22-Jan-08
logo
Formosa MS
SL13-L FORMOSA-SL13-L Datasheet
69Kb / 2P
   Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL13-L FORMOSA-SL13-L Datasheet
171Kb / 7P
   Low VF Chip Schottky Barrier Rectifier
More results

Descripción similar - SL13-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
SL12-MS FRONTIER-SL12-MS Datasheet
616Kb / 3P
   1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
FM120-NS-THRU-FM140-NS FRONTIER-FM120-NS-THRU-FM140-NS Datasheet
612Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-40V
logo
PACELEADER INDUSTRIAL
SL32-BL PACELEADER-SL32-BL Datasheet
602Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
logo
SeCoS Halbleitertechnol...
SCK120LP SECOS-SCK120LP Datasheet
241Kb / 2P
   VOLTAGE 20V ~ 40V 1.0AMP Low Vf Schottky Barrier Rectifiers
logo
Formosa MS
SL32-AL FORMOSA-SL32-AL_13 Datasheet
166Kb / 7P
   3.0A Low VF Surface Mount Schottky Barrier Rectifiers-20V-40V
logo
SHIKUES Electronics
SKM32-AS SKTECHNOLGY-SKM32-AS Datasheet
744Kb / 3P
   3.0A Low VF Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
Frontier Electronics.
FM140-MH1-THRU-FM1200-MH1 FRONTIER-FM140-MH1-THRU-FM1200-MH1 Datasheet
609Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 40V-200V
FM120-MS-THRU-FM1200-MS FRONTIER-FM120-MS-THRU-FM1200-MS Datasheet
632Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM120-S-THRU-FM1200-S FRONTIER-FM120-S-THRU-FM1200-S Datasheet
636Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
logo
WILLAS ELECTRONIC CORP
SL32-AL WILLAS-SL32-AL Datasheet
501Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMA-L PACKAGE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com