Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX1-AT Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

No. de pieza CX1-AT
Descripción Electrónicos  Quartz Crystal Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IQD [IQD Frequency Products Ltd]
Página de inicio  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CX1-AT Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  CX1-AT Datasheet HTML 1Page - IQD Frequency Products Ltd CX1-AT Datasheet HTML 2Page - IQD Frequency Products Ltd CX1-AT Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CX1 AT
Quartz Crystal Specification
Electrical Parameters
10.0pF to 20.0pF
Load Capacitance (CL)
2.3pF typ
Shunt Capacitance (C0)
500µW max f≤50MHz,
200µW max f>50MHz
Drive Level
Typical Motional Values:
Fundamental Frequency
10MHz 32MHz 155.52MHz
Motional Resistance R1 (Ω)
30
25
15
Motional Capacitance C1 (fF)
5.5
6.2
4.0
Quality Factor Q (k)
100
30
30
Shunt Capacitance C0 (pF)
2.2
2.3
2.3
Operating Temperature Ranges
-10 to 70°C
-40 to 85°C
-55 to 125°C
Environmental Parameters
Shock: 3000G, 0.3ms, 1/2 sine
Vibration: MIL-STD-202G, Method 204D, Condition D: 20G,
10-2000Hz swept sine
Note: Random vibration testing also available - please contact
an IQD Sales Offices
Storage Temperature Range: -55 to 125°C
Manufacturing Details
Maximum Process Temperature: 260°C for 20sec max
Ordering Information
Frequency*
Model*
Lid Variant*
Termination Variant*
Frequency Tolerance (@ 25°C)*
Frequency Stability (over operating temperature range)*
Operating Temperature Range*
Load Capacitance*
Overtone
(*minimum required)
Lid Variants:
Blank = Glass
C = Ceramic
Termination Variants:
SM1 = Gold Plated
SM4 = Solder Plated
SM5 = Solder Dipped
Note: non-RoHS compliant terminations are available - please
contact an IQD Sales Office
Example
20.0MHz CX1 AT-SM1
±100ppm ±100ppm -40+85C 20pF FUND
Compliance
Optional
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Printed on 25 Apr 16 12:00 using Model Data Sheet V1.2550
Page 2 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Número de pieza similar - CX1-AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IQD Frequency Products ...
CX1-EXT IQD-CX1-EXT Datasheet
171Kb / 3P
   Quartz Crystal Specification
More results

Descripción similar - CX1-AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IQD Frequency Products ...
HC49-2.5HSMX IQD-HC49-2.5HSMX Datasheet
624Kb / 2P
   Quartz Crystal Specification
HC49-3.5HSMX IQD-HC49-3.5HSMX Datasheet
682Kb / 2P
   Quartz Crystal Specification
CFPX-98 IQD-CFPX-98 Datasheet
307Kb / 2P
   Quartz Crystal Specification
CFPX-217 IQD-CFPX-217 Datasheet
209Kb / 2P
   Quartz Crystal Specification
CFPX-218-AUTO IQD-CFPX-218-AUTO Datasheet
188Kb / 2P
   Quartz Crystal Specification
CX4-AT IQD-CX4-AT Datasheet
123Kb / 2P
   Quartz Crystal Specification
4SMX IQD-4SMX Datasheet
250Kb / 2P
   Quartz Crystal Specification
91SMX IQD-91SMX Datasheet
146Kb / 2P
   Quartz Crystal Specification
HC49-4H IQD-HC49-4H Datasheet
486Kb / 3P
   Quartz Crystal Specification
IQXC-30 IQD-IQXC-30 Datasheet
654Kb / 2P
   Quartz Crystal Specification
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com