Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL32A Datasheet(PDF) 1 Page - Frontier Electronics.

No. de pieza SL32A
Descripción Electrónicos  3A LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FRONTIER [Frontier Electronics.]
Página de inicio  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SL32A Datasheet(HTML) 1 Page - Frontier Electronics.

  SL32A Datasheet HTML 1Page - Frontier Electronics. SL32A Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL32A THRU SL34A SPECIFICATION
Rev. A
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
3A LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS (TA =25°C UNLESS OTHERWISE NOTED ) AND ELECTRICAL CHARACTERISTICS
RATING
SYMBOL
V
A
L
U
E
UNITS
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
1, SEE FIG.1
n
IO
3.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
80
A
TYPICAL THERMAL RESISTANCE (NOTE 2)
R
θjL
17
°C/W
TYPICAL THERMAL RESISTANCE (NOTE 2)
R
θjA
55
°C/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO +150
°C
OPERATING TEMPERATURE RANGE
TOP
- 55 TO +125
°C
MAXIMUM REVERSE CURRENT AT 25°C
1
IR
1.0
mA
PART NUMBER
MAX RECURRENT PK REVERSE
VOLTAGE/DC BLOCKING VRRM/VR (V)
MAX
VRMS (V)
MAXIMUM FORWARD VOLTAGE @3A, 25°C
VF(V)
1
SL32A
20
14
0.38
SL33A
30
21
0.40
SL34A
40
28
0.40
NOTE︰ 1. PULSE TEST : 300μS PULSE WIDTH , 1% DUTY CYCLE.
2. PCB MOUNTED 0
.55”x0.55” (14X14mm), 0.013mm THICK COPPER PAD AREAS.
3. CURRENT RATING IS BASED ON SINGLE PHASE, 1/2 WAVE, 60HZ, RESISTIVE, OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD,
DERATE CURRENT BY 20%.
PRODUCT FEATURES
1.
FLAMMABILITY CLASSIFICATION 94V-0
2.
EXTREMELY LOW VF
3.
BUILT-IN STRAIN RELIEF
4.
MAJORITY CARRIER CONDUCTION
5.
LOW FORWARD VOLTAGE/LOW PROFILE
6.
CASE: TRANSFER MOLDED, DO-214AC (SMA)
7.
DIMENSIONS IN INCHES AND (MILLIMETERS)
8.
LEADS: SOLDERABILITY PER MIL-STD-750 METHOD 2026
9.
WEIGHT: 0.064 GRAMS
10
RoHS COMPLIANT


Número de pieza similar - SL32A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weitron Technology
SL32A WEITRON-SL32A Datasheet
189Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
SL32A GOOD-ARK-SL32A Datasheet
200Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Galaxy Semi-Conductor H...
SL32A BILIN-SL32A Datasheet
64Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SL32A CHENDA-SL32A Datasheet
242Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Chip Integration Techno...
SL32A CITC-SL32A Datasheet
459Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
More results

Descripción similar - SL32A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
LS32A FRONTIER-LS32A Datasheet
174Kb / 2P
   3A SURFACE MOUNT LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
logo
Hi-Sincerity Mocroelect...
HSR320 HSMC-HSR320 Datasheet
65Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 3A)
HSMA320 HSMC-HSMA320 Datasheet
105Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 3A)
logo
Toshiba Semiconductor
30FWJ2CZ47M TOSHIBA-30FWJ2CZ47M_06 Datasheet
302Kb / 5P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER
logo
Frontier Electronics.
LS22A FRONTIER-LS22A Datasheet
174Kb / 2P
   2A SURFACE MOUNT LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
LS12-LFR FRONTIER-LS12-LFR Datasheet
168Kb / 2P
   1A SURFACE MOUNT LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
LS12B FRONTIER-LS12B Datasheet
167Kb / 2P
   1A SURFACE MOUNT LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
1N5820 FRONTIER-1N5820 Datasheet
120Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
SR302 FRONTIER-SR302 Datasheet
124Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
SR302-LFR FRONTIER-SR302-LFR Datasheet
124Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com