Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX1HT-AT Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

No. de pieza CX1HT-AT
Descripción Electrónicos  Quartz Crystal Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IQD [IQD Frequency Products Ltd]
Página de inicio  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CX1HT-AT Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  CX1HT-AT Datasheet HTML 1Page - IQD Frequency Products Ltd CX1HT-AT Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CX1HT AT
Quartz Crystal Specification
ISSUE 1; January 2016
Outline (mm) -C-SM1 = Gold Plated (RoHS)
Description
An increasing number of applications require the use of high
temperature crystals. For these applications we offer the
CX1HT AT. These crystals are designed to operate at
temperatures up to and including 225ºC. The frequency range
offered is 6MHz to 250MHz.
The expected life at 200ºC is in excess of 1,000 hours.
-C-SM1 Gold Plated (RoHS)
-C-SM4 Solder Plated (RoHS)
-C-SM5 Solder Dipped (RoHS)
FEATURES:
High temperature operation up to 225°C
High shock resistance
Hermetically sealed ceramic package
APPLICATIONS:
Industrial -
Downhole instrumentation
Rotary shaft sensors
Underground boring tools
Please note that all data is only valid at 25°C unless otherwise
stated.
Frequency Parameters
Frequency
6.0MHz to 250.0MHz
±100.00ppm
Frequency Tolerance
@ 25°C
Tolerance Condition
Frequency Stability
±125.00ppm to ±300.00ppm
±5ppm max in 1st year @ 25°C
Ageing
Note: Tighter Frequency Tolerances are available - please
contact an IQD Sales Office
Electrical Parameters
10.0pF
Load Capacitance (CL)
500µW max <50MHz, 200µW
max ≥50MHz
Drive Level
Typical Motional Parameters:
Freq 10MHz: R 30Ω, C1 5.5fF, Co 2.2pF Q 100k
Freq 32MHz: R 25Ω, C1 6.2fF, Co 2.3pF Q 30k
Operating Temperature Ranges
-55 to 150°C
-55 to 175°C
-55 to 200°C
25 to 200°C
-55 to 225°C
25 to 225°C
Environmental Parameters
Storage Temperature Range: -55 to 125°C
Shock: 1000G, 1ms, 1/2 sine
Vibration: 20G rms, 10-2000Hz
Note: Higher Shock and Vibration requirements are available -
please contact an IQD Sales Office
Manufacturing Details
Maximum Process Temperature: 260°C (20secs max)
Printed on 25 Apr 16 12:01 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Número de pieza similar - CX1HT-AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STATEK CORPORATION
CX1HT-06 STATEK-CX1HT-06 Datasheet
317Kb / 2P
   HIGH TEMPERATURE CRYSTALS
logo
IQD Frequency Products ...
CX1HT-EXT IQD-CX1HT-EXT Datasheet
137Kb / 2P
   Quartz Crystal Specification
logo
STATEK CORPORATION
CX1HT-EXT STATEK-CX1HT-EXT_09 Datasheet
197Kb / 2P
   HIGH TEMPERATURE CRYSTALS
More results

Descripción similar - CX1HT-AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IQD Frequency Products ...
HC49-2.5HSMX IQD-HC49-2.5HSMX Datasheet
624Kb / 2P
   Quartz Crystal Specification
HC49-3.5HSMX IQD-HC49-3.5HSMX Datasheet
682Kb / 2P
   Quartz Crystal Specification
CFPX-98 IQD-CFPX-98 Datasheet
307Kb / 2P
   Quartz Crystal Specification
CFPX-217 IQD-CFPX-217 Datasheet
209Kb / 2P
   Quartz Crystal Specification
CFPX-218-AUTO IQD-CFPX-218-AUTO Datasheet
188Kb / 2P
   Quartz Crystal Specification
CX4-AT IQD-CX4-AT Datasheet
123Kb / 2P
   Quartz Crystal Specification
4SMX IQD-4SMX Datasheet
250Kb / 2P
   Quartz Crystal Specification
91SMX IQD-91SMX Datasheet
146Kb / 2P
   Quartz Crystal Specification
CX1-AT IQD-CX1-AT Datasheet
162Kb / 3P
   Quartz Crystal Specification
HC49-4H IQD-HC49-4H Datasheet
486Kb / 3P
   Quartz Crystal Specification
IQXC-30 IQD-IQXC-30 Datasheet
654Kb / 2P
   Quartz Crystal Specification
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com