Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M9381A Datasheet(PDF) 8 Page - Keysight Technologies

No. de pieza M9381A
Descripción Electrónicos  PXIe Vector Signal Generator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEYSIGHT [Keysight Technologies]
Página de inicio  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9381A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button M9381A Datasheet HTML 4Page - Keysight Technologies M9381A Datasheet HTML 5Page - Keysight Technologies M9381A Datasheet HTML 6Page - Keysight Technologies M9381A Datasheet HTML 7Page - Keysight Technologies M9381A Datasheet HTML 8Page - Keysight Technologies M9381A Datasheet HTML 9Page - Keysight Technologies M9381A Datasheet HTML 10Page - Keysight Technologies M9381A Datasheet HTML 11Page - Keysight Technologies M9381A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
08 | Keysight | M9381A PXIe Vector Signal Generator – Data Sheet
Technical Specifications and Characteristics
Amplitude
Output parameters
Settable range
Standard
Option 1EA
+10.7 to −130 dBm
+20 to −130 dBm
Resolution
ALC on 6
0.02 dB, nominal
I/Q mode, ALC off 7
0.02 dB, nominal
I/Q mode, ALC off, baseband offset change
0.001 dB, nominal
CW mode, ALC off
0.3 dB, nominal
Maximum output power
Frequency
Standard
Option 1EA
1 MHz to 5 GHz
+10 dBm
+19 dBm
> 5 to 6 GHz
+10 dBm
+18 dBm
Figure 6. List mode amplitude vs time showing fast settling time to specified level accuracy.
6.
Settable to 0.01 dB.
7.
After a power search.
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0
1
2
3
4
5
Elapsed Time from External Trigger (msec)
List Mode Amplitude vs Time (2.2 GHz, ALC Off)
Switch from 1.8 GHz -40 dBm to 2.2 GHz +10 dBm


Número de pieza similar - M9381A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Keysight Technologies
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results

Descripción similar - M9381A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Keysight Technologies
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
logo
National Instruments Co...
PXIE-5673 NI-PXIE-5673 Datasheet
1Mb / 9P
   Vector Signal Generator
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
logo
Agilent(Hewlett-Packard...
E8267D HP-E8267D Datasheet
753Kb / 32P
   Vector Signal Generator
logo
Keysight Technologies
E8267D KEYSIGHT-E8267D Datasheet
4Mb / 37P
   Vector Signal Generator
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9421A KEYSIGHT-M9421A_18 Datasheet
1Mb / 29P
   M9421A VXT PXIe Vector Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com