Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC72-3.3MUA Datasheet(PDF) 4 Page - Microchip Technology

No. de pieza TC72-3.3MUA
Descripción Electrónicos  Digital Temperature Sensor with SPI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72-3.3MUA Datasheet(HTML) 4 Page - Microchip Technology

  TC72-3.3MUA Datasheet HTML 1Page - Microchip Technology TC72-3.3MUA Datasheet HTML 2Page - Microchip Technology TC72-3.3MUA Datasheet HTML 3Page - Microchip Technology TC72-3.3MUA Datasheet HTML 4Page - Microchip Technology TC72-3.3MUA Datasheet HTML 5Page - Microchip Technology TC72-3.3MUA Datasheet HTML 6Page - Microchip Technology TC72-3.3MUA Datasheet HTML 7Page - Microchip Technology TC72-3.3MUA Datasheet HTML 8Page - Microchip Technology TC72-3.3MUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TC72
DS21743B-page 4
© 2011 Microchip Technology Inc.
Serial Port AC Timing (Note 2, 3)
Clock Frequency
fCLK
DC
7.5
MHz
SCK Low Time
tCL
65
ns
SCK High Time
tCH
65
ns
CE to SCK Setup
tCC
400
ns
SCK to Data Out Valid
tCDD
55
ns
CE to Output Tri-state
tCDZ
40
ns
SCK to Data Hold Time
tCDH
35
ns
Data to SCK Set-up Time
tDC
35
ns
SCK to CE Hold Time
tCCH
100
ns
SCK Rise Time
tR
——
200
ns
SCK Fall Time
tF
——
200
ns
CE Inactive Time
tCWH
400
ns
TEMPERATURE SPECIFICATION
Electrical Specifications: Unless otherwise noted, all parameters apply at V
DD = 2.65V to 5.5V,
TA = -55°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-55
+125
°C
Operating Temperature Range
TA
-55
+125
°C
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance 8-L 3x3 DFN
θ
JA
—56.7
°C/W
Thermal Resistance 8-L MSOP
θ
JA
—211
°C/W
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, all parameters apply at V
DD = 2.65V to 5.5V,
TA = -55°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
The TC72-2.8MXX, TC72-3.3MXX and TC72-5.0MXX will operate from a supply voltage of 2.65V to 5.5V.
However, the TC72-2.8MXX, TC72-3.3MXX and TC72-5.0MXX are tested and specified at the nominal
operating voltages of 2.8V, 3.3V and 5.0V respectively. As VDD varies from the nominal operating value,
the accuracy may be degraded. Refer to Figure 2-5 and Figure 2-6.
2:
Measured with a load of CL = 50 pF on the SDO output pin of the TC72.
3:
All time measurements are measured with respect to the 50% point of the signal, except for the SCK rise
and fall times. The rise and fall times are defined as the 10% to 90% transition time.
4:
Resolution = Temperature Range/No. of Bits = (+127°C – -128°C) / (210) = 256/1024 = 0.25°C/Bit


Número de pieza similar - TC72-3.3MUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC72-3.3MUA MICROCHIP-TC72-3.3MUA Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72-3.3MUATR MICROCHIP-TC72-3.3MUATR Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results

Descripción similar - TC72-3.3MUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com