Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS9024-CTB Datasheet(PDF) 3 Page - Gennum Corporation

No. de pieza GS9024-CTB
Descripción Electrónicos  Automatic Cable Equalizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GENNUM [Gennum Corporation]
Página de inicio  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024-CTB Datasheet(HTML) 3 Page - Gennum Corporation

  GS9024-CTB Datasheet HTML 1Page - Gennum Corporation GS9024-CTB Datasheet HTML 2Page - Gennum Corporation GS9024-CTB Datasheet HTML 3Page - Gennum Corporation GS9024-CTB Datasheet HTML 4Page - Gennum Corporation GS9024-CTB Datasheet HTML 5Page - Gennum Corporation GS9024-CTB Datasheet HTML 6Page - Gennum Corporation GS9024-CTB Datasheet HTML 7Page - Gennum Corporation GS9024-CTB Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GENNUM CORPORATION
521 - 70 - 06
3
TEST SETUP
Fig. 1 Test Setup for Figure 3.
Fig. 2 Test Setup for Figures 4, 5, 6, 7, 10 and 11.
AC ELECTRICAL CHARACTERISTICS
VCC = 5V, VEE = 0V, TA = 0°C TO 70°C unless otherwise shown.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
1
MAX
UNITS
NOTES
TEST
LEVEL
Data Rate
143
-
540
Mb/s
1
Output Signal Swing
VSDO
RL = 75Ω
700
850
1000
mV
1
Additive Jitter
tJ
270Mb/s, 300m
-
275
-
ps p-p
see
Fig 5
5
540Mb/s, 100m
-
200
-
ps p-p
5
Output Rise and Fall
Times (20-80%)
tr, tf
0.5
0.65
-
ns
3
Output Duty Cycle
Distortion
-30
-
ps
2
Input Resistance
RIN
SDI, SDI
-10
-
k
2
Input Capacitance
CIN
SDI, SDI
-1.0
-
pF
2
Carrier Detect
Response Time
tCDON
Carrier Applied RL =
,
CL ≤ 50pF on SSI/CD
-3-
µs
2
tCDOFF
Carrier Removed RL =
,
CL ≤ 50pF on SSI/CD
-30
-
µs
2
High Z Response Time
trHIGHZ
-17
-
ns
2
Input Return Loss
at 270MHz
15
20
-
dB
see Fig 8
3
Maximum Equalizer
Gain
AEQ
at 200MHz
-
40
-
dB
see Fig 4
3, 5
TEST LEVELS
1. 100% tested at 25°C.
2. Guaranteed by design.
3. Inferred or co-related value.
4. Evaluated using test setup Figure 1.
5. Evaluated using test setup Figure 2.
NOTES
1. Typical values are parametric norms at
25°C.
EB9024
BOARD
GS9028
CABLE
DRIVER
TEKTRONIX
GigaBERT
700
ANALYZER
TEKTRONIX
GigaBERT
700
TRANSMITTER
BELDEN 8281
CABLE
DATA
DATA
CLOCK
TRIGGER
GS9028
CABLE
DRIVER
VERTICAL IN
TRIGGER IN
OSCILLOSCOPE
ANRITSU
ME522A
or
GigaBERT
700
TRANSMITTER
BELDEN 8281
CABLE
DATA
DATA
CLOCK
EB9024
BOARD
SSI/CD
CD_ADJ
V
V


Número de pieza similar - GS9024-CTB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS9024-CTB GENNUM-GS9024-CTB Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024-CTBE3 GENNUM-GS9024-CTBE3 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
More results

Descripción similar - GS9024-CTB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS9024 GENNUM-GS9024_05 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024C GENNUM-GS9024C Datasheet
496Kb / 8P
   Automatic Cable Equalizer
logo
Semtech Corporation
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com