Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10E137 Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza MC10E137
Descripción Electrónicos  5V ECL 8?륛it Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E137 Datasheet(HTML) 9 Page - ON Semiconductor

  MC10E137_16 Datasheet HTML 1Page - ON Semiconductor MC10E137_16 Datasheet HTML 2Page - ON Semiconductor MC10E137_16 Datasheet HTML 3Page - ON Semiconductor MC10E137_16 Datasheet HTML 4Page - ON Semiconductor MC10E137_16 Datasheet HTML 5Page - ON Semiconductor MC10E137_16 Datasheet HTML 6Page - ON Semiconductor MC10E137_16 Datasheet HTML 7Page - ON Semiconductor MC10E137_16 Datasheet HTML 8Page - ON Semiconductor MC10E137_16 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MC10E137, MC100E137
www.onsemi.com
9
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent-Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
MC10E137/D
ECLinPS is a registered trademark of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Número de pieza similar - MC10E137_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10E137FN ONSEMI-MC10E137FN Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137FN ONSEMI-MC10E137FN Datasheet
144Kb / 9P
   5 VECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137FNG ONSEMI-MC10E137FNG Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137FNG ONSEMI-MC10E137FNG Datasheet
144Kb / 9P
   5 VECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137FNR2 ONSEMI-MC10E137FNR2 Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
More results

Descripción similar - MC10E137_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
MC10E016 ONSEMI-MC10E016_16 Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
MC10E137 ONSEMI-MC10E137_06 Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E137 ONSEMI-MC10E137_08 Datasheet
144Kb / 9P
   5 VECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC10E431 ONSEMI-MC10E431_16 Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
MC10E167 ONSEMI-MC10E167_16 Datasheet
156Kb / 8P
   5V ECL 6?륛it 2:1 MUX?륱egiste
July, 2016 ??Rev. 9
MC10EP016 ONSEMI-MC10EP016_06 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
logo
Micrel Semiconductor
SY10E137 MICREL-SY10E137 Datasheet
76Kb / 4P
   8-BIT RIPPLE COUNTER
logo
ON Semiconductor
MC10E137 ONSEMI-MC10E137 Datasheet
117Kb / 5P
   8-BIT RIPPLE COUNTER
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com