Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10E151 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC10E151
Descripción Electrónicos  5V ECL 6?륛it D Register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E151 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10E151_16 Datasheet HTML 1Page - ON Semiconductor MC10E151_16 Datasheet HTML 2Page - ON Semiconductor MC10E151_16 Datasheet HTML 3Page - ON Semiconductor MC10E151_16 Datasheet HTML 4Page - ON Semiconductor MC10E151_16 Datasheet HTML 5Page - ON Semiconductor MC10E151_16 Datasheet HTML 6Page - ON Semiconductor MC10E151_16 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC10E151, MC100E151
www.onsemi.com
2
VCCO Q0
Q0
Q1
VCCO
Q5
VCCO
NC
CLK1
CLK2
MR
Q2
D5
D4
D3
VEE
D2
D1
D0
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
567
8
9
10
Q5
Q4
Q4
VCC
Q3
Q3
Q2
NC
Q1
1
* All VCC and VCCO pins are tied together on the die.
Figure 1. Pinout: PLCC−28 (Top View)
Warning: All VCC, VCCO, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
Figure 2. Logic Diagram
D0
D1
D2
D3
D4
D5
CLK1
CLK2
MR
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Q5
Q5
D
R
D
R
D
R
D
R
D
R
D
R
Table 1. PIN DESCRIPTION
PIN
FUNCTION
D0 − D5
ECL Data Inputs
CLK1, CLK2
ECL Clock Inputs
MR
ECL Master Reset
Q0 − Q5, Q0 − Q5
ECL Differential Outputs
VCC, VCCO
Positive Supply
VEE
Negative Supply
NC
No Connect
Table 2. FUNCTION TABLE
MR
Qn
1
Reset
L
0
Operational
H


Número de pieza similar - MC10E151_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10E151FN ONSEMI-MC10E151FN Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC10E151FNG ONSEMI-MC10E151FNG Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC10E151FNR2 ONSEMI-MC10E151FNR2 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC10E151FNR2G ONSEMI-MC10E151FNR2G Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com